Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1946 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1946
Description  Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1946 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1946_10 Datasheet HTML 1Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 2Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 3Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 4Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1946_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Single USB Switch with Autoreset and
Fault Blanking in Tiny TDFN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 5V, CIN = 0.1µF, COUT = 1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = 2.7V to 4V
1.6
ON, SEL Input High Level
VIH
VIN = 4V to 5.5V
2
V
VIN = 2.7V to 4V
0.6
ON, SEL Input Low Level
VIL
VIN = 4V to 5.5V
0.8
V
ON, SEL Input Leakage Current
VON, VSEL = 0 or VIN, TA = +25°C
-1
+1
µA
FAULT Output Low Voltage
VOL
ISINK = 1mA, VIN = 2.7V
0.5
V
FAULT Output High Leakage
Current
VIN = VFAULT = 5.5V
1
µA
OUT Output Current Autoreset
Mode
In latched off state, VOUT = 0
1025
45mA
OUT Autoreset Threshold
In latched off state, VOUT rising
0.4
0.5
0.6
V
OUT Autoreset Blanking Time
In latched off state, VOUT > 0.5V
10
20
35
ms
ELECTRICAL CHARACTERISTICS
(VIN = 5V, CIN = 0.1µF, COUT = 1µF, TA = -40°C to +85°C, unless otherwise noted.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
2.7
5.5
V
VIN = 5, TA = +25°C
90
VIN = 5V
110
Switch On-Resistance
RON
VIN = 3.3V
125
m
Standby Supply Current
Switch disabled
10
µA
Quiescent Supply Current
IIN
Switch enabled, IOUT = 0
60
µA
OUT Off-Leakage Current
ILKG
Switch disabled, VOUT = 0, TA = -40°C to +25°C
1µA
Undervoltage Lockout Threshold
VULVO
Rising edge, 3% hysteresis
2.3
2.7
V
Continuous Load Current
500
mA
Continuous Current Limit
ILIM
VIN_ - VOUT = 0.5V
0.6
1.3
A
Short-Circuit Current Limit
ISC
VOUT = 0 (IOUT pulsing)
0.8
1.6
APK
Continuous Current-Limit
Blanking Timeout Period
From continuous current-limit condition to
FAULT asserted
10
35
ms
Short-Circuit Blanking Timeout
Period
From short-circuit current-limit condition to
FAULT asserted
7.5
35.0
ms
Turn-On Delay
tON
ROUT = 10
Ω. Time from ON to 10% of VOUT.
Does not include rise time.
0.25
1.50
ms


Similar Part No. - MAX1946_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1946ETA MAXIM-MAX1946ETA Datasheet
441Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
More results

Similar Description - MAX1946_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com