Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1838 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1838
Description  Dual USB Switch with Fault Blanking and Autoreset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1838 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1838_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1838_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1838_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1838_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1838_10 Datasheet HTML 9Page - Maxim Integrated Products MAX1838_10 Datasheet HTML 10Page - Maxim Integrated Products MAX1838_10 Datasheet HTML 11Page - Maxim Integrated Products MAX1838_10 Datasheet HTML 12Page - Maxim Integrated Products MAX1838_10 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
between IN and AUX. However, a fault does not trigger
since the fault blanking-time is longer than the supply
switchover time.
Applications Information
Input Power Source
AUX provides the power for the MAX1838 internal con-
trol circuitry. Limit the input-voltage slew rate to less
than 0.2V/µs to prevent erroneous FAULT indications.
Input Capacitor
To limit the input voltage drop during momentary output
short-circuit conditions, connect a capacitor from both
AUX and IN to ground. A 0.1µF ceramic capacitor is
required for local decoupling; however, higher capaci-
tor values will further reduce the voltage drop at the
input (Figure 2). When driving inductive loads, a larger
capacitance prevents voltage spikes from exceeding
the MAX1838’s absolute maximum ratings.
Output Capacitor
An output capacitor helps prevent parasitic inductance
from pulling OUT negative during turn-off. When start-
ing up into very large capacitive loads, the switch puls-
es the output current at 0.35ARMS until the output
voltage rises above 1V, then the capacitor continues to
charge at the full 0.9A current limit. There is no limit to
the size of output capacitor, but to prevent a startup
fault assertion, the capacitor must charge up within the
fault-blanking delay period. Typically starting up into a
330µF or smaller capacitor does not trigger a fault out-
put. In addition to bulk capacitance, small value (0.1µF
or greater) ceramic capacitors improve the output’s
resilience to electrostatic discharge (ESD).
Driving Inductive Loads
A wide variety of devices (mice, keyboards, cameras,
and printers) can load the USB port. These devices
commonly connect to the port with cables, which can
add an inductive component to the load. This induc-
tance causes the output voltage at the USB port to ring
Dual USB Switch with Fault Blanking
and Autoreset
10
______________________________________________________________________________________
CONDITION
MAX1838 BEHAVIOR
If a short circuit is present
(VOUT < 1V)
• If a short circuit is detected at the output, the channel turns off, the blanking timer
begins, and
FAULT stays high.
• If the short circuit persists during the fault-blanking period, the output pulses at 0.35A-
RMS. When the short is removed before the 15ms short-circuit blanking timeout period,
the next ramped current pulse soft-starts the output. The
FAULT flag stays high.
• If the short circuit persists after the fault-blanking period, FAULT goes low, autoreset
mode is enabled, and the output sources 25mA. If the voltage on that output is above
0.5V for 20ms, the channel resets, the output turns on, and
FAULT goes high (see
Short-Circuit Response in the Typical Operating Characteristics.)
If an overload current is present
(VOUT > 1V)
• Output current regulates at ILIM, the blanking timer turns on, and FAULT stays high.
• Continuous current at ILIM persists until the overload is removed, a thermal fault occurs,
or the 20ms continuous current-limit timeout period is reached.
• If overcurrent is still present at 20ms, FAULT goes low, autoreset mode is enabled, and
the output sources 25mA. If the voltage on that output is above 0.5V for 20ms, the
channel resets, the output turns on, and
FAULT goes high.
If thermal fault condition is present
• FAULT immediately goes low (the blanking timer does not apply to thermal faults), and
the channel turns off. When the junction cools by 15
oC, the thermal fault condition is
removed, autoreset mode is enabled, the output sources 25mA, and
FAULT remains
low. If the voltage on that output is above 0.5V for 20ms, the channel resets, the output
turns on, and
FAULT goes high.
Table 2. MAX1838 Current Limiting and Fault Behavior


Similar Part No. - MAX1838_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1838EEE MAXIM-MAX1838EEE Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
More results

Similar Description - MAX1838_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1812 MAXIM-MAX1812 Datasheet
296Kb / 10P
   Dual USB Switch with Fault Blanking
19-1865; Rev 0; 11/00
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com