Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77602 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77602
Description  Multi-Band, Multi-Mode (3G) Power Amplifier Module w/ PA Distribution Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77602 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77602 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77602 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201242A • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • February 9, 2010
1
PRODUCT SUMMARY
SKY77602 Multi-Band, Multi-Mode (3G) Power Amplifier
Module w/ PA Distribution Switch
APPLICATIONS
• WCDMA Data Application
• HSDPA
• HSUPA
• HSPA+
• CDMA2000
Features
• Low voltage application
- 3.2 V~3.6 V
• Good linearity
• High efficiency
• Large dynamic range
• Small, low profile package
- 5 mm x 7 mm x 0.85 mm
- 22-pad configuration
• Power down control
• InGaP
• Supports low collector
voltage operation
• Digital Enable, Band Select,
Mode operation
• No regulated voltage
required
• CMOS comparable logic
control
• Integrated Directional
Couplers
Description
The SKY77602 Power Amplifier Module (PAM) is a fully matched, 22-pad, surface mount module
developed for Wideband Code Division Multiple Access (WCDMA) and CDMA2000 applications. This
small and efficient module packs full coverage for WCDMA Bands I, II, IV, V, and VIII, and for
CDMA2000 Bands I, II, IV, and V into a single compact package. The SKY77602 meets the stringent
spectral linearity requirements of WCDMA/CDMA2000 transmission, with high power added efficiency
for power output to 28 dBm for Bands I, IV, V, 28.5 dBm for Band II, and 28.3 dBm for Band VIII. The
SKY77602 meets the stringent spectral linearity requirements of High Speed Downlink Packet Access
(HSDPA) data transmission with high power added efficiency. An integrated directional coupler
eliminates the need for any external coupler.
The SKY77602 PAM is manufactured with Skyworks’ InGaP GaAs Heterojunction Bipolar Transistor
(HBT) BiFET process that provides for all positive voltage DC supply operation while maintaining high
efficiency and good linearity. No regulated voltage is required. Power down is accomplished by setting
the voltage on VEN_H or VEN_L to zero volts. No external supply side switch is needed as typical “off”
leakage is a few microamperes with full primary voltage supplied from the battery.
Figure 1. SKY77602 Functional Block Diagram


Similar Part No. - SKY77602

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77601 SKYWORKS-SKY77601 Datasheet
141Kb / 3P
   Multi-Mode, Multi-Band Power Amplifier Module for Next Generation GGE and HSPA Handsets
SKY77603 SKYWORKS-SKY77603 Datasheet
225Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77604 SKYWORKS-SKY77604 Datasheet
109Kb / 2P
   Multi-Mode / Multi-Band Power Amplifier Module for Next Generation GGE and HSPA Handsets
SKY77604-11 SKYWORKS-SKY77604-11 Datasheet
615Kb / 2P
   Multimode Multiband Power Amplifier Module for Next Generation GGE and HSPA Handsets
SKY77605 SKYWORKS-SKY77605 Datasheet
115Kb / 3P
   Multiband Multimode Power Amplifier Module for Quad-Band GSM / EDGE and Broadband (Bands I, II, V, VIII) WCDMA / HSDPA / HSUPA / HSPA Handsets
More results

Similar Description - SKY77602

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77441 SKYWORKS-SKY77441 Datasheet
67Kb / 2P
   Multi-Mode / Multi-Band PA Module
logo
TriQuint Semiconductor
TQP9058H TRIQUINT-TQP9058H_15 Datasheet
154Kb / 1P
   Multi-Mode / Multi-Band Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77601 SKYWORKS-SKY77601 Datasheet
141Kb / 3P
   Multi-Mode, Multi-Band Power Amplifier Module for Next Generation GGE and HSPA Handsets
SKY77432 SKYWORKS-SKY77432 Datasheet
84Kb / 2P
   Multi-Mode, Multi-Band Power Amplifier Module for Next Generation GGE and HSPA Handsets
SKY77604 SKYWORKS-SKY77604 Datasheet
109Kb / 2P
   Multi-Mode / Multi-Band Power Amplifier Module for Next Generation GGE and HSPA Handsets
logo
TriQuint Semiconductor
TQM7M5004 TRIQUINT-TQM7M5004 Datasheet
255Kb / 1P
   GSM/EDGE Multi-mode Power Amplifier Module
TQM7M5005 TRIQUINT-TQM7M5005 Datasheet
88Kb / 1P
   GSM/EDGE Multi-mode Power Amplifier Module
TQM7M5005H TRIQUINT-TQM7M5005H Datasheet
126Kb / 1P
   GSM/EDGE Multi-mode Power Amplifier Module
logo
Contec Co., Ltd
CPS-MC341G-ADSC1-110 CONTEC-CPS-MC341G-ADSC1-110 Datasheet
409Kb / 4P
   Multi-Function Module 3G Global Model
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-5501 AVAGO-AJAV-5501 Datasheet
295Kb / 6P
   3G Band I Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com