Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW18-D170 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # TW18-D170
Description  Wideband PLL Frequency Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW18-D170 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button TW18-D170 Datasheet HTML 6Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 7Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 8Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 9Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 10Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 11Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 12Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 13Page - Skyworks Solutions Inc. TW18-D170 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PRELIMINARY DATA SHEET • SKY73134 FREQUENCY SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
December 15, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201199A
Table 7. SKY73134 Electrical Specifications: Phase Noise Performance (3 of 3) (Note 1)
(TC = +25 C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
VCO Divided by 4
Phase noise:
@ 1 kHz
@ 10 kHz
@ 100 kHz
@ 1 MHz
VCO – 12
VCO – 12
VCO – 12
VCO – 12
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
VCO Divided by 8
Phase noise:
@ 1 kHz
@ 10 kHz
@ 100 kHz
VCO – 18
VCO – 18
VCO – 18
dBc/Hz
dBc/Hz
dBc/Hz
Note 1: Performance is guaranteed only under the conditions listed in this Table.
Evaluation Board Description
The SKY73134 Evaluation Board is used to test the performance
of the SKY73134 frequency synthesizer. An assembly drawing for
the Evaluation Board is shown in Figure 8 and the layer detail is
provided in Figure 9. A schematic diagram of the SKY73134
Evaluation Board is shown in Figure 10.
Circuit Design Configurations
The following design considerations are general in nature and
must be followed regardless of final use or configuration:
1. Paths to ground should be made as short as possible.
2. The ground pad of the SKY73134 has special electrical and
thermal grounding requirements. This pad is the main thermal
conduit for heat dissipation. Since the circuit board acts as
the heat sink, it must shunt as much heat as possible from
the device. Therefore, design the connection to the ground
pad to dissipate the maximum wattage produced by the
circuit board.
3. Skyworks recommends including external bypass capacitors
on the VCC voltage inputs of the device.
*** add’l info TBD ***
Package Dimensions
The PCB layout footprint for the SKY73134 is provided in
Figure 11. Figure 12 shows the package dimensions for the
25-pin LGA and Figure 13 provides the tape and reel dimensions.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
THE SKY73134 is rated to Moisture Sensitivity Level 3 (MSL3) at
260 C. It can be used for lead or lead-free soldering. For
additional information, refer to the Skyworks Application Note,
PCB Design & SMT Assembly/Rework Guidelines for RFLGA
Packages, document number 103147.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format. For packaging details, refer to the Skyworks
Application Note, Tape and Reel Information – RF Modules,
document number 101568.


Similar Part No. - TW18-D170

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW18-D210 SKYWORKS-TW18-D210 Datasheet
172Kb / 11P
   1500-2500 MHz Low Noise Power Amplifier Driver
More results

Similar Description - TW18-D170

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
logo
Texas Instruments
LMX2581 TI1-LMX2581_14 Datasheet
1Mb / 56P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581E TI1-LMX2581E Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com