Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73134 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY73134
Description  Wideband PLL Frequency Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73134 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY73134 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73134 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73134 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73134 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73134 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73134 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73134 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73134 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73134 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PRELIMINARY DATA SHEET • SKY73134 FREQUENCY SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
December 15, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201199A
PLL Control Registers (R-Divider and N-Divider)
There are three digital PLL control registers that are used to store
the R-divider and N-divider values: R_DIV, N_DIV1, and N_DIV2.
By default, all registers are 25 bits wide. Bit[21] is the read/write
bit, cleared when writing to the device. Bits[20:16] are the
address bits of the registers. The 16 least significant bits (LSBs)
represent the data bits.
Three values are needed to calculate the three PLL dividers,
R_DIV, N_DIV1 and N_DIV2: the desired frequency (FRF), the VCO
divider (D), and the frequency step size (FSTEP).
The VCO frequency (FVCO) has a range of 2.8 GHz to 5.6 GHz, and
is defined by the product of the desired frequency (FRF) and the
VCO divider, D:
D
F
F
RF
VCO
(1)
The VCO divider (equal to 1, 2, 3, 4, or 8) is chosen so that the
product of FRF × D is within the specified VCO range.
The frequency step size (FSTEP) is a user defined value. Given FSTEP
and D, the comparison frequency (FCOMP) can be calculated by:
D
F
F
STEP
COMP
(2)
The R_DIV register stores the value of the 16-bit R-divider that
produces the desired comparison frequency (FCOMP) for the RF PLL
according to the following equation:
COMP
REF
F
F
R
(3)
Where FREF is the reference frequency provided to the device.
The N_DIV1 and N_DIV2 registers store the value of the N-divider
according to the following equation:
R
F
F
N
REF
VCO
(4)
Bits[1:0] of the N_DIV2 register are the most significant bits
(MSBs) of the 18-bit representation of the N number.
Bits[15:0] of the N_DIV1 register are the LSBs of the 18-bit binary
representation of the N number.
The calculated R-divider and N-divider values are programmed
into the SKY73134 using the SPI interface.
Additional programming information is provided in the Skyworks
document, SKY73134 Frequency Synthesizer Programming Guide,
document number *** TBD ***.
Example:
A desired RF output frequency of 2000 MHz is required using a
reference frequency of 38.4 MHz and a desired frequency step
size of 100 kHz. If the VCO divider is equal to 2, the VCO
frequency is 4000 MHz from Equation 1 and the comparison
frequency is equal to 200 kHz from Equation 2.
From Equations 3 and 4, the R and N values become:
R = 192 = 11000000b
N = 20000 = 100111000100000b
These values would be programmed through the SPI interface.
Figure 5 represents the bits of the R_DIV register with the value of
R = 192. Figures 6 and 7 represent the bits of the N_DIV1 and
N_DIV2 registers, respectively, with the value of N = 20000.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY73134 are provided in
Table 3. The recommended operating conditions are specified in
Table 4 and electrical specifications are provided in Tables 5
through 7.
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
00
0
00
00
01
0
10
0
00
0
0
1
00
0
0
1
16-Bit R-Divider Value
3-Bit Device
Address
5-Bit Register
Address
1-Bit Read/Write Flag
S1847
Figure 5. R_DIV Register Showing an R-Divider Value of 192


Similar Part No. - SKY73134

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73100 SKYWORKS-SKY73100 Datasheet
157Kb / 13P
   865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73100-11 SKYWORKS-SKY73100-11 Datasheet
157Kb / 13P
   865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73100-11 SKYWORKS-SKY73100-11_09 Datasheet
980Kb / 21P
   865-960 MHz High Performance VCO/Synthesizer
SKY73101 SKYWORKS-SKY73101 Datasheet
158Kb / 13P
   1800-1990 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73101-11 SKYWORKS-SKY73101-11 Datasheet
158Kb / 13P
   1800-1990 MHz High Performance VCO/Synthesizer With Integrated Switch
More results

Similar Description - SKY73134

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
logo
Texas Instruments
LMX2581 TI1-LMX2581_14 Datasheet
1Mb / 56P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581E TI1-LMX2581E Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com