Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65049-360LF Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY65049-360LF
Description  1.7 - 2.4 GHz Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65049-360LF Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY65049-360LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65049-360LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65049-360LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65049-360LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65049-360LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65049-360LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65049-360LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY65049-360LF Datasheet HTML 11Page - Skyworks Solutions Inc. SKY65049-360LF Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DATA SHEET • SKY65049-360LF LOW NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
November 12, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201118D
R1
R4
RF Input
VDD
RF Output
1
2
3
4
5
6
7
8
L1
L5
L2
C1
C9
C14
C10
C17
C12
C3
C4
L3
L4
C16
BIAS1
RFIN
N/C
VDD1
BIAS2
RFOUT/VDD2
N/C
FEEDBACK
C6
C7
R3
R5
S1803
C2
C8
C15
C19
R2
C5
×
×
C13
C11
C18
Note: Some component labels may be different than the
corresponding component symbol shown here.
Component values, however, as noted in Table 5,
are accurate as of the date of this Data Sheet.
Figure 13. SKY65049-360LF Evaluation Board Schematic
Table 5. SKY65049-360LF (QFN Package) Evaluation Board Bill of Materials
Component
Value
Size
Manufacturer/Part
Series
Component
Value
Size
Manufacturer/Part
Series
C1
20 pF
0402
Murata GJM1555C
C17
2.2 pF
0402
Murata GRM1555C
C2
8.7 nH
0402
Coilcraft CS
C18
20 pF
0402
Murata GJM1555C
C3
0.2 pF
0402
Murata GJM1555C
C19
0.1
μF
0402
Murata GRM1555C
C4
4700 pF
0402
Murata GRM1555C
L1
DNP
C5
1000 pF
0402
Murata GRM1555C
L2
3.9 nH
0402
Murata
C6
0.5 pF
0402
Murata GJM1555C
L3
15 nH
0402
TDK MLG1005S
C7
2 pF
0402
Murata GJM1555C
L4
3.3 nH
0402
Taiyo Yuden HK
C8
0.75 pF
0402
Murata GJM1555C
L5
10 nH
0402
Taiyo Yuden HK
C9
8.2 pF
0402
Murata GRM1555C
R1
20
Ω
0402
Panasonic ERJ2RKF
C10
0.3 pF
0402
Murata GJM1555C
R2
9.1
Ω
0402
Panasonic ERJ2RKF
C11
10 pF
0402
Murata GRM1555C
R3
220
Ω
0402
Panasonic ERJ2RKF
C12
1000 pF
0402
Murata GRM1555C
R4
100
Ω
0402
Panasonic ERJ2RKF
C13, C14, C15
DNP
R5
20
Ω
0402
Panasonic ERJ2RKF
C16
1.5 nH
0402
TDK MLG1005S


Similar Part No. - SKY65049-360LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65045-70LF SKYWORKS-SKY65045-70LF Datasheet
3Mb / 22P
   390 - 1500 MHz Low Noise Power Amplifier Driver
SKY65045-70LF SKYWORKS-SKY65045-70LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
857Kb / 14P
   0.4-3.0 GHz Low Noise Amplifier
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65048-360LF SKYWORKS-SKY65048-360LF Datasheet
524Kb / 19P
   0.7-1.2 GHz Low Noise Amplifier
More results

Similar Description - SKY65049-360LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
HBH Microwave GmbH
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
   1.1 - 1.7 GHz Low Noise Amplifier
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com