Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCTB15-2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTB15-2
Description  TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB15-2 Datasheet(HTML) 1 Page - Dubilier

  DBCTB15-2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
380
5.08
3.5
13.8
10.16
2.7
5.08
5.08
3.5
13.8
15.24
2.7
9.8
4.5 0.9
5.08
3.5
13.8
10.16
2.7
5.08
5.08
3.5
13.8
15.24
2.7
9.8
4.5 0.9
TERMINAL BLOCKS
5.08mm PITCH VERTICAL MOUNT
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Rating:
20A/250V
Dielectric Strength:
2.5kV
Insulation Resistance:
>5MΩ
Working temperature:
-20°C to 125°C
Moulding:
UL94V-0 Polyamide 68
Pin/terminal:
5 micron tinned nickel plated brass
Pin Terminal:
5 micron tinned nickel plated brass
Rising clamp:
Nickel plated brass
Screw/torque:
M3 Zinc Steel, colour passivated and
tropicalised/0.5NM
Recommended PCB
hole size:
ø1.3mm2
5.08mm pitch
Professional rising clamp
- Designed to prevent cable
entry below clamp
2.5mm2 wire acceptance
UL/ CE approved
Colour green
Interlocking
DBC
TB
17
/2
Dubilier
Connectors
Series
Terminal Block
Style
Nº of Ways
2 = 2 ways
3 = 3 ways
5.08
3.5
13.8
10.16
2.7
5.08
5.08
3.5
13.8
15.24
2.7
9.8
4.5 0.9
TERMINAL BLOCKS
5.08mm PITCH VERTICAL MOUNT
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Rating:
24A/450V
Dielectric Strength:
>2.5KV
Insulation Resistance:
>5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°
Moulding:
UL94V-0 flame retardant nylon 66(Green)
Pin/terminal:
5 micron tinned nickel plated brass
Rising clamp:
Nickel plated brass
Screw/torque:
M3 steel/0.5Nm 7 micron zinc colour
passivated and tropicalised
Recommended PCB
hole size:
ø1.3mm
DBC
TB
15
/2
Dubilier
Connectors
Series
Terminal Block
Style
Nº of Ways
2 = 2 ways
3 = 3 ways
* Other Number of ways are available up to 24
Please consult office for further details
5.08
5
19
10
3.6
5.08
5.08
5
19
15
3.6
11.2
0.9 5.5
5.08
5
19
10
3.6
5.08
5.08
5
19
15
3.6
11.2
0.9 5.5
5.08
5
19
10
3.6
5.08
5.08
5
19
15
3.6
11.2
0.9 5.5
10.5
15.24
5.08mm pitch
Professional rising clamp
4.00mm2 wire acceptance
Rating 24A / 450V
CE approved
Colour green
Interlocking


Similar Part No. - DBCTB15-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB15-2 DUBILIER-DBCTB15-2 Datasheet
126Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
More results

Similar Description - DBCTB15-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB15-2 DUBILIER-DBCTB15-2 Datasheet
126Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB13-2 DUBILIER-DBCTB13-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB46-2 DUBILIER-DBCTB46-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB48-2 DUBILIER-DBCTB48-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT
DBCTB16-2 DUBILIER-DBCTB16-2 Datasheet
110Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB42-2 DUBILIER-DBCTB42-2 Datasheet
110Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB2-2 DUBILIER-DBCTB2-2 Datasheet
105Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB11-2-2 DUBILIER-DBCTB11-2-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT
DBCTB85-2 DUBILIER-DBCTB85-2 Datasheet
88Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH 90 MOUNT
DBCTB14-2 DUBILIER-DBCTB14-2 Datasheet
131Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com