Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC-440-3.6 Datasheet(PDF) 1 Page - EPIGAP optoelectronic GmbH

Part # EPC-440-3.6
Description  Photodiode-Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

EPC-440-3.6 Datasheet(HTML) 1 Page - EPIGAP optoelectronic GmbH

  EPC-440-3.6 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH EPC-440-3.6 Datasheet HTML 2Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photodiode-Chip
Preliminary
11.04.2007
rev. 03/07
Wavelength range
UV-blue-green
typ. dimensions (µm)
Description
300 µm
anode
cathode
Applications
Miscellaneous Parameters
Tamb = 25°C, unless otherwise specified
Symbol
Value
Unit
A
10.9
mm²
Temperature coefficient of ID
TC(ID)
7.0
%/K
Tamb
-40 to +125
°C
Tstg
-40 to +125
°C
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Parameter
Test
conditions
Symbol
Min
Typ
Max
Unit
Dark current
VR = 5 V
ID
20
80
pA
Peak sensitivity wavelength
VR = 0 V
λ
p
440
nm
Responsivity at
λ
P*
VR = 0 V
Sλ
0.17
A/W
Sensitivity range at 1%
VR = 0 V
λ
min, λmax
<110
570
nm
Spectral bandwidth at 50%
VR = 0 V
∆λ
0.5
180
nm
Dark resistance
VR = 10 mV
RD
50
70
G
Noise equivalent power
λ = 440 nm
NEP
1.5x10
-14
Junction capacitance
VR = 0 V
CJ
2.6
nF
Switching time (RL = 50
)
VR = 5 V
tr, tf
1/130
ns
*Measured on bare chip on TO-18 header with EPIGAP equipment
Labeling
Type
Typ. ID [pA]
Typ. Sλ[A/W]
EPC-440-3.6
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
High spectral sensitivity in
the blue and ultraviolet
range, low dark currents,
low cost chip with high
degradation stability
typ. thickness
special light barriers,
sensors for flame control
and automation
bond gold 1.0 µm
gold alloy, 0.5 µm
Type
Schottky Contact
EPC-440-3.6
Electrodes
P (anode) up
Technology
GaP
Lot N°
Quantity
Parameter
Test сonditions
Active area
Operating temperature range
Storage temperature range
3300
3500
3560
PD-06
Hz
W/
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 2


Similar Part No. - EPC-440-3.6

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPC-440-0.9 EPIGAP-EPC-440-0.9 Datasheet
28Kb / 2P
   Photodiode-Chip
EPC-440-1.4 EPIGAP-EPC-440-1.4 Datasheet
28Kb / 2P
   Photodiode-Chip
EPC-440-2.5 EPIGAP-EPC-440-2.5 Datasheet
28Kb / 2P
   Photodiode-Chip
More results

Similar Description - EPC-440-3.6

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPC-470-0.5 EPIGAP-EPC-470-0.5 Datasheet
112Kb / 2P
   Photodiode-Chip
EPC-880-0.9-1 EPIGAP-EPC-880-0.9-1 Datasheet
113Kb / 2P
   Photodiode-Chip
EPC-1300-3.0-4 EPIGAP-EPC-1300-3.0-4 Datasheet
128Kb / 2P
   Photodiode-Chip
EPC-440-0.9 EPIGAP-EPC-440-0.9 Datasheet
28Kb / 2P
   Photodiode-Chip
EPC-1300-3.0-1 EPIGAP-EPC-1300-3.0-1 Datasheet
127Kb / 2P
   Photodiode-Chip
EPC-1300-0.5-3 EPIGAP-EPC-1300-0.5-3 Datasheet
128Kb / 2P
   Photodiode-Chip
EPC-1300-0.22-2 EPIGAP-EPC-1300-0.22-2 Datasheet
129Kb / 2P
   Photodiode-Chip
EPC-1300-1.0-4 EPIGAP-EPC-1300-1.0-4 Datasheet
129Kb / 2P
   Photodiode-Chip
EPC-525-2.5 EPIGAP-EPC-525-2.5 Datasheet
136Kb / 3P
   Photodiode-Chip
EPC-660-0.5 EPIGAP-EPC-660-0.5 Datasheet
102Kb / 2P
   Photodiode-Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com