Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCTB4-2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTB4-2
Description  TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB4-2 Datasheet(HTML) 1 Page - Dubilier

  DBCTB4-2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
372
45° Mounting 5mm pitch
2-12 Pole interlocking
Professional series rising
clamp - Designed to prevent
cable entry below clamp
4mm2 wire acceptance
Captive screws
To VDE 0110
UL/VDE/CE approved
TERMINAL BLOCKS
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
5mm 45° MOUNT - RISING CLAMP
Rating:
17.5A/250V
Dielectric Strength:
>1.25KV
Insulation Resistance:
>5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°
Moulding:
UL94V-0 flame retardant nylon 66
Pin/terminal:
5 micron tinned nickel plated brass
Rising clamp:
Zinc plated steel
Screw/torque:
M2.5 steel/0.4Nm 7 micron zinc colour
passivated and tropicalised
Recommended PCB
hole size:
ø1.3mm
DBC
TB
5
/2
Dubilier
Connectors
Series
Terminal Block
Style
5=Grey
5A=Black
Nº of Ways
2 = 2 ways
3 = 3 ways
A
A
A
Plan
Pin Dia 1.2
Rec-hole Size 1.3
12.5
12
6.5
5
4
* Other Number of ways are available up to 12
Please consult office for further details
4.5
10
15
TERMINAL BLOCKS
5mm PITCH 90° MOUNT - LOW PROFILE
DBC
TB
4
/2
Dubilier
Connectors
Series
Terminal Block
Style
Nº of Ways
2 = 2 ways
3 = 3 ways
* Other Number of ways are available up to 12
Please consult office for further details
Low profile
2-12 Pole interlocking
UL94V-0 Flame retardant
material
Test probe facility
1.5mm2 wire acceptance
Screw terminal
UL/CE approved
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Rating:
16A/150V
Dielectric Strength:
>2KV
Insulation Resistance:
>5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°
Moulding:
UL94V-0 flame retardant Lexan
Pin/terminal:
5 micron tinned nickel plated brass
Wire Protect:
Tin plated phosphor bronze
Screw/torque:
M2.5 steel/0.4Nm 7 micron zinc colour
passivated and tropicalised
Recommended PCB
hole size:
ø1.1mm
A
A
A
Plan
Pin Dia 1.0
Rec-hole Size 1.1
5
Test Probe
2.6
3.5
7.5
10
10
15


Similar Part No. - DBCTB4-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB40-2 DUBILIER-DBCTB40-2 Datasheet
120Kb / 1P
   TERMINAL BLOCKS 3.81MM PITCH ULTRA LOW PROFILE
DBCTB40-3 DUBILIER-DBCTB40-3 Datasheet
120Kb / 1P
   TERMINAL BLOCKS 3.81MM PITCH ULTRA LOW PROFILE
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB41-3 DUBILIER-DBCTB41-3 Datasheet
98Kb / 1P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB412 DUBILIER-DBCTB412 Datasheet
294Kb / 2P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
More results

Similar Description - DBCTB4-2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
   5mm pitch low profile 90° screw terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
   5mm low profile 90° rising clamp terminal blocks
logo
Dubilier
DBCTB14-2 DUBILIER-DBCTB14-2 Datasheet
131Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB12-2 DUBILIER-DBCTB12-2 Datasheet
131Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
logo
CamdenBoss Ltd.
CTBP1050 CAMDENBOSS-CTBP1050 Datasheet
415Kb / 1P
   5mm pitch standard profile 90˚ screw terminal blocks
logo
Dubilier
DBCTB10-2 DUBILIER-DBCTB10-2 Datasheet
104Kb / 1P
   TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
DBCTB43-2 DUBILIER-DBCTB43-2 Datasheet
104Kb / 1P
   TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
logo
CamdenBoss Ltd.
CTBP5000 CAMDENBOSS-CTBP5000 Datasheet
445Kb / 1P
   5mm pitch low profile screw terminal blocks
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
   5mm pitch low profile rising clamp terminal blocks
logo
Dubilier
DBCTB16-2 DUBILIER-DBCTB16-2 Datasheet
110Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com