Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13320-374LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY13320-374LF
Description  0.1-6.0 GHz GaAs SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13320-374LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY13320-374LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13320-374LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13320-374LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13320-374LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13320-374LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13320-374LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13320-374LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13320-374LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13320-374LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET • SKY13320-374LF SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201097C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 20, 2009
3
Table 4. SKY13320-374LF Electrical Specifications (Note 1)
(VCTL = 0 V and +3.0 V, TOP = +25 C, PIN = 0 dBm, Characteristic Impedance [ZO] = 50
Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Insertion loss
0.1-0.9 GHz
2.4-2.5 GHz
3.3-3.8 GHz
4.9-6.0 GHz
0.40
0.50
0.50
0.60
0.55
0.65
0.65
0.80
dB
dB
dB
dB
Isolation
0.1-0.9 GHz
2.4-2.5 GHz
3.3-3.8 GHz
4.9-6.0 GHz
25
22
23
21
28
25
26
24
dB
dB
dB
dB
Return loss (insertion loss state) (Note 2)
0.1-0.9 GHz
2.4-2.5 GHz
3.3-3.8 GHz
4.9-6.0 GHz
30
25
20
20
dB
dB
dB
dB
Switching characteristics:
Rise/fall time
On/off time
10/90% or 90/10% RF
50% VCTL to 90/10% RF
40
80
ns
ns
Video feedthrough
45
mV
Input power for 0.1 dB compression
f = 2.45 GHz
VCTL = 3.0 V,
VCTL = 1.8 V
+33
+27
dBm
dBm
Input IP3
IIP3
PIN = +17 dBm/tone,
tone spacing = 1 MHz,
f = 2.45 GHz
+52
dBm
2nd harmonic
2fo
PIN = +22 dBm CW,
f = 2.45 GHz
–66
dBc
3rd harmonic
3fo
PIN = +22 dBm CW,
f = 2.45 GHz
–60
dBc
Supply current
ICC
5
μA
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at elevated
temperatures may reduce reliability of the device.
Note 2: Lower frequency return loss is dependent on the DC blocking capacitor value.


Similar Part No. - SKY13320-374LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13321-360LF SKYWORKS-SKY13321-360LF Datasheet
195Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF-EVB SKYWORKS-SKY13322-375LF-EVB Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF_10 Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
More results

Similar Description - SKY13320-374LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
SKY13314-374LF SKYWORKS-SKY13314-374LF Datasheet
735Kb / 11P
   SKY13314-374LF 0.1-6.0 GHz GaAs SPDT Switch
logo
List of Unclassifed Man...
RTC6608OSP ETC1-RTC6608OSP Datasheet
149Kb / 7P
   0.1 GHz ??6.0 GHz SPDT Switch
logo
Guerrilla RF, Inc.
GRF6011 GUERRILLA-GRF6011 Datasheet
823Kb / 14P
   SPDT Failsafe Switch 0.1 ??6.0 GHz
logo
Skyworks Solutions Inc.
SKYA21003 SKYWORKS-SKYA21003 Datasheet
175Kb / 2P
   0.1 to 6.0 GHz SPDT Switch
SKYA21013 SKYWORKS-SKYA21013 Datasheet
616Kb / 9P
   0.1 to 6.0 GHz SPDT Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF_10 Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
   GaAs SPDT Switch DC - 6.0 GHz
logo
Hexawave, Inc
HWS522_V1 HW-HWS522_V1 Datasheet
61Kb / 2P
   GaAs 0.5-6.0 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com