Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13319-374LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY13319-374LF
Description  0.1-3.0 GHz GaAs SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13319-374LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY13319-374LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13319-374LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET • SKY13319-374LF SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201096B • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • August 7, 2009
3
Table 4. SKY13319-374LF Electrical Specifications (Note 1)
(VCTL = 0 V and +3.3 V, TOP = +25 C, PIN = 0 dBm, Characteristic Impedance [ZO] = 50
Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Insertion loss
0.1-1.0 GHz
1.0-2.0 GHz
2.0-3.0 GHz
0.35
0.45
0.60
0.50
0.60
0.75
dB
dB
dB
Isolation
0.1-1.0 GHz
1.0-2.0 GHz
2.0-3.0 GHz
23
17
15
25
19
17
dB
dB
dB
Return loss (insertion loss state) (Note 2)
0.1-1.0 GHz
1.0-2.0 GHz
2.0-3.0 GHz
28
26
27
dB
dB
dB
Switching characteristics:
Rise/fall time
On/off time
10/90% or 90/10% RF
50% VCTL to 90/10% RF
40
80
ns
ns
Video feedthrough
45
mV
Input power for 0.1 dB compression
f = 0.1 to 3.0 GHz
VCTL = 3.3 V
VCTL = 3.0 V,
VCTL = 1.8 V
+37
+36
+30
dBm
dBm
dBm
Input IP3
IIP3
PIN = +17 dBm/tone,
tone spacing = 1 MHz,
f = 0.1 to 3.0 GHz
+60
dBm
2nd harmonic
2fo
PIN = +30 dBm,
f = 0.9 GHz
–66
dBc
3rd harmonic
3fo
PIN = +30 dBm,
f = 0.9 GHz
–60
dBc
Supply current
ICC
5
μA
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at elevated
temperatures may reduce reliability of the device.
Note 2: Lower frequency return loss is dependent on the DC blocking capacitor value.


Similar Part No. - SKY13319-374LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13314-374LF SKYWORKS-SKY13314-374LF Datasheet
735Kb / 11P
   SKY13314-374LF 0.1-6.0 GHz GaAs SPDT Switch
SKY13316-12LF SKYWORKS-SKY13316-12LF Datasheet
480Kb / 4P
   GaAs IC SPST Non-Reflective Switch 300 kHz -2.5 GHz
SKY13318-321LF SKYWORKS-SKY13318-321LF Datasheet
931Kb / 5P
   PHEMT GaAs IC High-Power 4-CTL DPDT Switch LF - 6 GHz
SKY13318-321LF SKYWORKS-SKY13318-321LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY13319-374LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13321-360LF SKYWORKS-SKY13321-360LF Datasheet
195Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
SKY13323-378LF SKYWORKS-SKY13323-378LF Datasheet
178Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
logo
Hexawave, Inc
HWS511_V1 HW-HWS511_V1 Datasheet
63Kb / 2P
   GaAs 0.5-3.0 GHz SPDT Switch
logo
Tyco Electronics
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com