Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJ-810-629 Datasheet(PDF) 2 Page - EPIGAP optoelectronic GmbH

Part # ELJ-810-629
Description  Jumbo-LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

ELJ-810-629 Datasheet(HTML) 2 Page - EPIGAP optoelectronic GmbH

  ELJ-810-629 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH ELJ-810-629 Datasheet HTML 2Page - EPIGAP optoelectronic GmbH ELJ-810-629 Datasheet HTML 3Page - EPIGAP optoelectronic GmbH ELJ-810-629 Datasheet HTML 4Page - EPIGAP optoelectronic GmbH ELJ-810-629 Datasheet HTML 5Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer.
Jumbo-LED
15.11.2007
rev. 05
ELJ-810-629
Optical Characteristics
at Tamb = 25°C, on heat sink (S ≥ 200 cm²), unless otherwise specified
Parameter
Test
conditions
Symbol
Min
Typ
Max
Unit
Radiant power
IF = 350 mA
Φe
40
50
mW
Radiant power*
IF = 1000 mA
Φe
125
mW
Radiant intensity
IF = 350 mA
Ιe
300
600
mW/sr
Radiant intensity*
IF = 1000 mA
Ιe
1650
mW/sr
Peak wavelength
IF = 350 mA
λp
800
810
820
nm
Spectral bandwidth at 50%
IF = 350 mA
∆λ0,5
30
nm
Viewing angle
IF = 350 mA
ϕ
17
deg
*only recommended on optimal heat sink
Note: All measurements carried out with EPIGAP equipment, on blank aluminium heat sink, S = 180 cm², passive
cooling. Measurement results and curve characteristics obtained with other heat sinks may differ.
0
200
400
600
800
1000
1200
1400
-5
0
5
10
15
I
F (mA)
Typical wavelength shift vs. forward current
(rel. to
λ
P @ IF = 350 mA)
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 5


Similar Part No. - ELJ-810-629

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
More results

Similar Description - ELJ-810-629

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELJ-505-627 EPIGAP-ELJ-505-627 Datasheet
375Kb / 5P
   Jumbo-LED
ELJ-525-617 EPIGAP-ELJ-525-617 Datasheet
401Kb / 5P
   Jumbo-LED
ELJ-460-617 EPIGAP-ELJ-460-617 Datasheet
416Kb / 5P
   Jumbo-LED
ELJ-690-629 EPIGAP-ELJ-690-629 Datasheet
398Kb / 5P
   Jumbo-LED
ELJ-750-629 EPIGAP-ELJ-750-629 Datasheet
255Kb / 5P
   Jumbo-LED
ELJ-810-619 EPIGAP-ELJ-810-619 Datasheet
325Kb / 5P
   Jumbo-LED
ELJ-870-629 EPIGAP-ELJ-870-629 Datasheet
375Kb / 5P
   Jumbo-LED
ELJ-460-628 EPIGAP-ELJ-460-628 Datasheet
234Kb / 4P
   Jumbo-LED
ELJ-630-648-1 EPIGAP-ELJ-630-648-1 Datasheet
388Kb / 5P
   Jumbo-LED
ELJ-810-649 EPIGAP-ELJ-810-649 Datasheet
274Kb / 5P
   Jumbo-LED
ELJ-830-629 EPIGAP-ELJ-830-629 Datasheet
371Kb / 5P
   Jumbo-LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com