Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13344-378LF Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY13344-378LF
Description  2.0-6.0 GHz GaAs SPDT Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13344-378LF Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY13344-378LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13344-378LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13344-378LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13344-378LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13344-378LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13344-378LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13344-378LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13344-378LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13344-378LF Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DATA SHEET • SKY13344-378LF SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201095C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • December 17, 2009
7
8X 0.65
Part Outline
R0.075 Typ
0.35
Pitch
Exposed Soldering
Area
5X 0.33
7X 0.15
0.13
0.10
0.21
Pin 1
All measurements in millimeters
S1484
Figure 12. SKY13344-378LF PCB Layout Footprint
(Top View)
Pin 1
Indicator
Skyworks Part #
Figure 13. Typical Case Markings
(Top View)


Similar Part No. - SKY13344-378LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
528Kb / 12P
   SKY13345-368LF 0.1-3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13347-360LF SKYWORKS-SKY13347-360LF Datasheet
845Kb / 9P
   0.5 to 4.0 GHz SPST Switch, 50 Terminated
SKY13347-360LF-EVB SKYWORKS-SKY13347-360LF-EVB Datasheet
845Kb / 9P
   0.5 to 4.0 GHz SPST Switch, 50 Terminated
More results

Similar Description - SKY13344-378LF

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
   GaAs SPDT Switch DC - 6.0 GHz
logo
Skyworks Solutions Inc.
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
logo
Hexawave, Inc
HWS522_V1 HW-HWS522_V1 Datasheet
61Kb / 2P
   GaAs 0.5-6.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G_15 Datasheet
489Kb / 5P
   GaAs SPDT Switch DC - 6.0 GHz
logo
Skyworks Solutions Inc.
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
logo
Tyco Electronics
MASW-007588 MACOM-MASW-007588 Datasheet
89Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MACOM-MASWSS0070 Datasheet
119Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MACOM-MASWSS0093 Datasheet
184Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MACOM-MASWSS0202 Datasheet
218Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0070 MA-COM-MASWSS0070 Datasheet
105Kb / 5P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com