Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW18-D210 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # TW18-D210
Description  1500-2500 MHz Low Noise Power Amplifier Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW18-D210 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  TW18-D210 Datasheet HTML 1Page - Skyworks Solutions Inc. TW18-D210 Datasheet HTML 2Page - Skyworks Solutions Inc. TW18-D210 Datasheet HTML 3Page - Skyworks Solutions Inc. TW18-D210 Datasheet HTML 4Page - Skyworks Solutions Inc. TW18-D210 Datasheet HTML 5Page - Skyworks Solutions Inc. TW18-D210 Datasheet HTML 6Page - Skyworks Solutions Inc. TW18-D210 Datasheet HTML 7Page - Skyworks Solutions Inc. TW18-D210 Datasheet HTML 8Page - Skyworks Solutions Inc. TW18-D210 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRELIMINARY DATA SHEET • SKY65080-70LF PA DRIVER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201042D • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • October 5, 2009
3
Table 2. SKY65080-70LF Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Supply voltage
VCC
6
V
RF output power
POUT
+24
dBm
Supply current
ICC
100
mA
Power dissipation
PD
0.6
W
Operating case temperature
TC
–40
+85
°C
Storage temperature
TST
–55
+125
°C
Junction temperature
TJ
+150
°C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal values. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This
device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the
human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all
times.
Table 3. SKY65080-70LF Recommended Operating Conditions
Parameter
Symbol
Min
Typical
Max
Units
Supply voltage
VCC
4.75
5.0
5.5
V
Operating frequency
f
1500
1750
2500
MHz
Operating case temperature
TJ
–40
+25
+85
°C
Table 4. SKY65080-70LF Electrical Characteristics (Note 1)
(VCC = +5 V, TC = 25 °C, f = 1850 MHz, Unless Otherwise Noted)
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
Frequency
f
1700
1850
2000
MHz
Small signal gain
G
PIN = –15 dBm
14
15
dB
Input return loss
|S11|
PIN = –15 dBm
9
dB
Output return loss
|S22|
PIN = –15 dBm
8
dB
Reverse transmission loss
|S12|
PIN = –15 dBm
23
dB
Output power @ 1 dB compression
OP1dB
CW
+21
dBm
Operating current @ OP1dB
ICC_OP1DB
75
mA
Power Added Efficiency
PAE
@ OP1dB
32
%
Third order input intercept point
IIP3
PIN/tone = –10 dBm,
Δf = 1 MHz
+24.0
+25.5
dBm
Third order output intercept point
OIP3
PIN/tone = –10 dBm,
Δf = 1 MHz
+39.0
+40.5
dBm
Noise Figure
NF
Small signal
2.3
3.0
dB
Quiescent current
ICCQ
No RF
66
mA
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at elevated
temperatures may reduce reliability of the device.


Similar Part No. - TW18-D210

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW18-D170 SKYWORKS-TW18-D170 Datasheet
857Kb / 17P
   Wideband PLL Frequency Synthesizer
More results

Similar Description - TW18-D210

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65045-70LF SKYWORKS-SKY65045-70LF Datasheet
3Mb / 22P
   390 - 1500 MHz Low Noise Power Amplifier Driver
logo
List of Unclassifed Man...
CX65003 ETC-CX65003 Datasheet
328Kb / 12P
   1400 - 2500 MHz Linear Power Amplifier Driver
PM2202 ETC1-PM2202 Datasheet
633Kb / 4P
   LOW NOISE AMPLIFIER 1800 TO 2500 MHz OPERATION
logo
Skyworks Solutions Inc.
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
   250 - 2500 MHz Linear Power Amplifier Driver
SKY67013-396LF SKYWORKS-SKY67013-396LF_15 Datasheet
2Mb / 15P
   300 to 1500 MHz Low-Noise, Low-Current Amplifier
logo
Stanford Microdevices
SLX-2043 STANFORD-SLX-2043 Datasheet
78Kb / 5P
   1700-2500 MHz High Linearity Low Noise Amplifier Module
logo
SIRENZA MICRODEVICES
SGL-0263 SIRENZA-SGL-0263 Datasheet
185Kb / 5P
   1400 - 2500 MHz Silicon Germanium Cascadable Low Noise Amplifier
logo
Analog Devices
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
logo
Stanford Microdevices
SXT-289 STANFORD-SXT-289 Datasheet
273Kb / 8P
   1800-2500 MHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com