Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65338-21 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY65338-21
Description  450-470 MHz Transmit/Receive Front-End Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65338-21 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY65338-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65338-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65338-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65338-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65338-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65338-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65338-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65338-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65338-21 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DATA SHEET • SKY65338-21 TRANSMIT/RECEIVE FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201004C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 13, 2009
5
22
24
26
28
30
32
34
+10
+12
+14
+16
+18
+20
+22
+24
+26
+28
+30
POUT (dBm)
–40 °C
+25 °C
+85 °C
Figure 5. Gain vs Output Power Over Temperature
29.5
30.0
30.5
31.0
31.5
32.0
32.5
450
460
470
Frequency (MHz)
–40 °C
+25 °C
+85 °C
Figure 7. Gain vs Frequency Over Temperature
70
75
80
85
50
55
60
65
90
95
100
F2
F3
F4
F5
F6
F7
F8
F9
F10
Harmonic Order
Figure 9. Harmonics
22
20
24
26
28
30
32
34
+10
+12
+14
+16
+18
+20
+22
+24
+26
+28
+30
POUT (dBm)
2.8 V
3.0 V
3.6 V
4.0 V
Figure 6. Gain vs Output Power Over Supply Voltage
0
100
200
300
400
500
600
+10
+12
+14
+16
+18
+20
+22
+24
+26
+28
+30
POUT (dBm)
–40 °C
+25 °C
+85 °C
Figure 8. Operating Current vs Output Power Over Temperature
0.50
0.52
0.54
0.56
0.58
0.60
0.62
450
460
470
Frequency (MHz)
–40 °C
+25 °C
+85 °C
Figure 10. Receive Insertion Loss vs Frequency Over
Temperature


Similar Part No. - SKY65338-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65336-11 SKYWORKS-SKY65336-11 Datasheet
251Kb / 12P
   2.4 GHz Transmit/Receive Front-End Module with Integrated LNA
SKY65337-11 SKYWORKS-SKY65337-11 Datasheet
249Kb / 12P
   2.4 GHz Transmit/Receive Front-End Module
More results

Similar Description - SKY65338-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
   450 MHz Transmit-Receive Front-End Module
SKY65377-11 SKYWORKS-SKY65377-11 Datasheet
189Kb / 2P
   450 MHz Transmit/Receive Front-End Module
SKY65342-11 SKYWORKS-SKY65342-11 Datasheet
305Kb / 13P
   450-470 MHz Front-End Module
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY66119-11 SKYWORKS-SKY66119-11 Datasheet
783Kb / 16P
   460 MHz Transmit/Receive Front-End Module
SKY65383-11 SKYWORKS-SKY65383-11 Datasheet
4Mb / 11P
   2400 to 2483 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65367-11 SKYWORKS-SKY65367-11_15 Datasheet
191Kb / 2P
   169 to 170 MHz Transmit/Receive Front-End Module
SKY66100 SKYWORKS-SKY66100_11 Datasheet
1Mb / 16P
   169 to 170 MHz Transmit-Receive Front-End Module
SKY65367 SKYWORKS-SKY65367_11 Datasheet
191Kb / 2P
   169 to 170 MHz Transmit/Receive Front-End Module
SKY65337-11 SKYWORKS-SKY65337-11 Datasheet
249Kb / 12P
   2.4 GHz Transmit/Receive Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com