Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW16-D280-031 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # TW16-D280-031
Description  2.4-2.5 GHz WLAN Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW16-D280-031 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  TW16-D280-031 Datasheet HTML 1Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 2Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 3Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 4Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 5Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 6Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 7Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 8Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DATA SHEET • SKY65152-11 POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
October 19, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200968F
Table 4. SKY65152-11 Electrical Specifications (Note 1)
(VCC1 = VCC2 = VCC3 = VREF1 = VREF2 = VREF3 = VC_BIAS = VCC_DET = PA_ENB = 5 V, Characteristic Impedance [ZO] = 50
Ω,
TC = 25
°C, Frequency = 2.442 GHz, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
IEEE 802.11g Orthogonal Frequency Division Multiplexing Input Signal, Data Rate = 54 Mbps
Error Vector Magnitude
EVM
POUT = +27 dBm
2
2.5
%
Continuous Wave Input Signal
Small signal gain
G
PIN = –25 dBm
30
32
dB
Gain flatness over band
POUT
2.4 GHz to 2.5 GHz
1.0
1.4
dB
Gain flatness over channel
POUT_EVM
Over any 16.25 MHz
within band
±0.10
±0.15
dB
Input return loss
|S11|
–12
–10
dB
2nd harmonics
2fo
CW input
–16.5
–14.0
dBm
Detector voltage
VDET
POUT = +27 dBm
0.79
0.83
0.87
V
Operational current
ICC
Peak POUT = +27 dBm
790
830
mA
Output power @ 1 dB compression
P1dB
+32
+33
dBm
Quiescent current
ICCQ
No RF
490
510
mA
Noise Figure
NF
5
6.5
dB
Power Up/Down Control
Power up
PA_ENB on
3
5
V
Power down
PA_ENB off
0
0.5
V
Standby current
ISB
PA_ENB = 0 V
3
5
μA
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at elevated
temperatures may reduce reliability of the device.


Similar Part No. - TW16-D280-031

ManufacturerPart #DatasheetDescription
logo
Tallysman Wireless Inc.
TW1600 TALLYSMAN-TW1600 Datasheet
221Kb / 2P
   TW1600 Dual Feed Iridium짰 Antenna
More results

Similar Description - TW16-D280-031

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
   2.4 to 2.5 GHz WLAN Power Amplifier Module
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com