Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV2023-219 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SMV2023-219
Description  Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV2023-219 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SMV2023-219 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV2023-219 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV2023-219 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV2023-219 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV2023-219 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
December 18, 2008 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200138 Rev. D
Data Sheet • SMV2019–SMV2023
4
-203
0.050 (1.27 mm)
0.040 (1.02 mm)
0.055 (1.40 mm)
0.051 (1.30 mm)
Dia.
Schematic
N-Type
247-001
-210
0.025 (0.63 mm)
Max.
0.124 (3.15 mm)
0.119 (3.02 mm) Dia.
0.097 (2.46 mm)
0.83 (2.11 mm)
0.083 (2.20 mm)
0.077 (1.95 mm)
0.064 (1.63 mm)
0.060 (1.52 mm)
0.225 (5.72 mm)
0.205 (5.20 mm)
0.064 (1.63 mm)
0.060 (1.52 mm)
2 PLCS
Schematic
023-000
-240
-011 (240)
12
Schematic
Colored Dot
Denotes Cathode
50°
45°
0.175 (4.44 mm)
0.125 (3.18 mm)
2 Plcs.
0.104 (2.64 mm)
0.092 (2.34 mm)
Sq.
0.042 (1.06 mm)
0.028 (0.71 mm)
0.005 (1.27 mm)
0.003 (0.76 mm)
0.098 (2.49 mm)
0.092 (2.34 mm)
Cover Dia.
0.022 (0.56 mm)
0.018 (0.46 mm)
2 Plcs.
325-011
-219
0.075 (1.91 mm)
0.065 (1.65 mm)
Sq.
0.045 (1.14 mm)
0.030 (0.76 mm)
0.020 (0.51 mm) Typ.
0.048 ± 0.005
0.033 (0.84 mm)
Min.
0.010 (0.24 mm)
Ref.
0.012 (0.30 mm)
Typ.
Schematic
404-801


Similar Part No. - SMV2023-219

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV2023-000 ALPHA-SMV2023-000 Datasheet
287Kb / 2P
   Silicon Hyperabrupt Varactor Diode Chips
SMV2023-001 ALPHA-SMV2023-001 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV2023-001 SKYWORKS-SMV2023-001 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
SMV2023-001LF SKYWORKS-SMV2023-001LF Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
SMV2023-001LF SKYWORKS-SMV2023-001LF Datasheet
646Kb / 11P
   SMV2019-SMV2023 Series: Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV2023-219

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA SKYWORKS-CLA Datasheet
177Kb / 12P
   Silicon Limiter Diodes, Packaged and Bondable Chips
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com