Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW17-D475-001 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # TW17-D475-001
Description  2.4 GHz Transmit/Receive Front-End Module with Integrated LNA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW17-D475-001 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button TW17-D475-001 Datasheet HTML 4Page - Skyworks Solutions Inc. TW17-D475-001 Datasheet HTML 5Page - Skyworks Solutions Inc. TW17-D475-001 Datasheet HTML 6Page - Skyworks Solutions Inc. TW17-D475-001 Datasheet HTML 7Page - Skyworks Solutions Inc. TW17-D475-001 Datasheet HTML 8Page - Skyworks Solutions Inc. TW17-D475-001 Datasheet HTML 9Page - Skyworks Solutions Inc. TW17-D475-001 Datasheet HTML 10Page - Skyworks Solutions Inc. TW17-D475-001 Datasheet HTML 11Page - Skyworks Solutions Inc. TW17-D475-001 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DATA SHEET • SKY65336-11 TRANSMIT/RECEIVE FRONT-END MODULE WITH LNA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
November 11, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200939G
J3
J4
J1
J2
C14
C12
R3
C11
C10
C1
R1
C2
C3
C4
C5
R2
C6
C7
C8
C9
C16
C13
T2
C15
R4
J5
S1291
Figure 14. SKY65336-11 Evaluation Board Assembly Drawing


Similar Part No. - TW17-D475-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW17-D475-001 SKYWORKS-TW17-D475-001 Datasheet
249Kb / 12P
   2.4 GHz Transmit/Receive Front-End Module
More results

Similar Description - TW17-D475-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65337-11 SKYWORKS-SKY65337-11 Datasheet
249Kb / 12P
   2.4 GHz Transmit/Receive Front-End Module
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
   450 MHz Transmit-Receive Front-End Module
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65377-11 SKYWORKS-SKY65377-11 Datasheet
189Kb / 2P
   450 MHz Transmit/Receive Front-End Module
SKY66119-11 SKYWORKS-SKY66119-11 Datasheet
783Kb / 16P
   460 MHz Transmit/Receive Front-End Module
SKY65338-21 SKYWORKS-SKY65338-21 Datasheet
314Kb / 12P
   450-470 MHz Transmit/Receive Front-End Module
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
   2.4 GHz FRONT-END LNA / SWITCH IC
logo
Qorvo, Inc
RFFM8216 QORVO-RFFM8216 Datasheet
545Kb / 11P
   2.4 GHz Integrated Wi-Fi Front-End Module
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Skyworks Solutions Inc.
SKY65383-11 SKYWORKS-SKY65383-11 Datasheet
4Mb / 11P
   2400 to 2483 MHz Transmit/Receive Front-End Module
October 24, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com