Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCSDMSR109GA Datasheet(PDF) 1 Page - Dubilier

Part # DBCSDMSR109GA
Description  D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - US SHORT FOOTPRINT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCSDMSR109GA Datasheet(HTML) 1 Page - Dubilier

  DBCSDMSR109GA Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
254
OUTLINE DRAWING
9, 15, 25, 37 way
Stamped & Formed Contacts
Gold Plated Contacts
Tin Plated Metal Housing
Current Rating - 5Amps
Low cost
Complete with Board and Screw Locks
D TYPE CONNECTORS LOW COST
PCB SOLDER PIN RIGHT ANGLE - US SHORT FOOTPRINT
SPECIFICATION
ORDERING INFORMATION
A
B
C
9 WAY
16.92
25.00
30.80
15 WAY
25.25
33.30
39.20
25 WAY
38.96
47.10
53.10
37 WAY
55.42
63.50
69.40
Dimension-mm(Female)
Dimension-mm(Male)
Material:
Insulator:
PBT+30%GlassFibre
UL94V-0
Pin contacts:
PhosphorBronze
GoldPlated
Shell:
Steel,SPCC
NickelandTinPlated
Electrical Data:
Rated Voltage:
350VAC
Rated Current:
5A
Withstand Voltage:
500VAC(rms)
Insulation Resistance:
Over1000MΩ
Contact Resistance:
5MΩat1A
Temperature:
-20°Cto100°C
DBC
SD
M
SR1
Dubilier
Connectors
Series
SD=Stamped&
FormedPinD
ContactType
M=Male(plug)
F=Female(socket)
ContactStyle
SR1=SolderRight
AngledPCB
(8.1mm)USShort
Footprint
NºofWays
09=9ways
15=15ways
25=25ways
37=37ways
Contactplating
G=GoldPlated
09
G
A
B
C
9 WAY
16.30
25.00
30.80
15 WAY
24.60
33.30
39.20
25 WAY
38.30
47.10
53.10
37 WAY
54.80
63.50
69.40
UNC4#40*2
6.0±.15
8.1±.15
3.35±.15
12.1±.15
0.45±.05
2.84±.05
A±.2
B
C±.2
8.3±.15
2.77±.05
2.84
±
.2
Options
Blank=
Board+Screw
Locks
A=BoardLocks
only
XX


Similar Part No. - DBCSDMSR109GA

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCSDMSR209G DUBILIER-DBCSDMSR209G Datasheet
125Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
DBCSDMSR209GA DUBILIER-DBCSDMSR209GA Datasheet
125Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
DBCSDMSR209GXX DUBILIER-DBCSDMSR209GXX Datasheet
125Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
DBCSDMSR215G DUBILIER-DBCSDMSR215G Datasheet
125Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
DBCSDMSR215GA DUBILIER-DBCSDMSR215GA Datasheet
125Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
More results

Similar Description - DBCSDMSR109GA

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCSDMSR209GXX DUBILIER-DBCSDMSR209GXX Datasheet
125Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
DBCSDMSS09S DUBILIER-DBCSDMSS09S Datasheet
165Kb / 1P
   D TYPE CONNECTORS LOW COST D CONNECTORS - PCB SOLDER PIN STRAIGHT
DBCHDFSR26G DUBILIER-DBCHDFSR26G Datasheet
208Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY PCB RIGHT ANGLE
DBCTDM1SR093A DUBILIER-DBCTDM1SR093A Datasheet
116Kb / 1P
   D TYPE CONNECTORS - TURNED PIN PCB - RIGHT ANGLE PIN
DBCHDFSS26S DUBILIER-DBCHDFSS26S Datasheet
205Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER PIN STRAIGHT
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCSCFSR26S DUBILIER-DBCSCFSR26S Datasheet
158Kb / 1P
   D TYPE SCSI II PCB SOLDER PIN RIGHT ANGLE
DBCDGMMSR15G DUBILIER-DBCDGMMSR15G_11 Datasheet
296Kb / 1P
   D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE
DBCDGMMSR15G DUBILIER-DBCDGMMSR15G Datasheet
307Kb / 1P
   D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE
DBCFDMSR09E3 DUBILIER-DBCFDMSR09E3 Datasheet
126Kb / 1P
   FILTERED D CONNECTORS SOLDER PIN RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com