Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA4605-240 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # CLA4605-240
Description  Silicon Limiter Diodes, Packaged and Bondable Chips
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA4605-240 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  CLA4605-240 Datasheet HTML 1Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 2Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 3Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 4Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 5Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 6Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 7Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 8Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DATA SHEET • CLA SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200100I • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 28, 2009
5
0.25
0.50
0.75
1.00
–50
0
+50
+100
+150
Case Temperature (°C)
Figure 5. Power Handling Capability vs Temperature
Technical Description
The CLA4603 and CLA4606 limiter diodes are constructed in a
passivated flat-chip configuration and are available in a basic chip
form or encapsulated in several Skyworks hermetic ceramic
packages.
Limiter diodes with lower capacitance values to 0.08 pF and
constructed with a passivated mesa configuration are available in
the CLA4601 and CLA4605 series. The mesa devices offer low
capacitance and, therefore, broader bandwidth, lower loss, and
faster response at reduced power. These diodes are also available
in chip package form and represent the ultimate in limiter
performance not approached by other manufacturers.
The CLA4607 diodes (highest power) are available in both planar
and mesa construction.
Figures 6 and 7 illustrate the fundamental structures of diodes
mounted in a 50
Ω microstrip circuit.
Additional bonding and handling methods are contained in the
Skyworks Application Notes, Waffle Pack Chip Carrier
Handling/Opening Procedure (document #200146) and Diode
Chips, Beam-Lead Diodes, Capacitors: Bonding Methods and
Packaging (document #200146).
Basic Applications
In microstrip limiters, the bonding wire length and diameter
together with the chip capacitance, form a low-pass filter (see
Figure 8). Line lengths (X1 and X2) are varied to provide
broadband matching and flat leakage characteristics. Typically,
X1 and X2 are on the order of 0.1 wavelength. In Figure 9, the
CLA4607 chip provides about 20 dB attenuation, reducing a 1 kW
input signal to a 10 W output signal. The CLA4606 reduces this to
100 mW and the CLA4603 to about 20 mW.
During the rise time of the incident pulse, the diodes behave in
the following manner. The CLA4603, due to its thin I region, is the
first to change to a low impedance. Experiments indicate that the
CLA4603 reaches the 10 dB isolation point in about 1 ns and
20 dB in 1.5 ns with an incident power of 10 W.
The CLA4606 takes about 4 ns and the CLA4607 about 50 ns to
achieve 10 dB isolation. Consequently, the CLA4603 provides
protection during the initial stages of pulse rise time with the
thicker diodes progressively “turning on” as the power increases.
With proper spacing (X1 and X2), the “on” diodes reflect high
impedances to the upstream diodes, reducing the turn-on time for
those diodes and ensuring that essentially all of the incident
power is reflected by the input diode, preventing burnout of the
thinner diodes.
At the end of the pulse the process reverses and the diodes
“recover” to their high impedance states; the free charge that
was injected into their I regions by the high-incident power signal
leaks off through the ground return and is also reduced by internal
recombination. With a ground return, recovery time is on the order
of 50 ns. With a high impedance return (for example, the circuit
shown in Figure 10), the Schottky diode (such as the CDF7621-000)
recovers or “opens” in practically zero time. Internal recombination
on the order of several diode lifetimes is the only available
mechanism for recovery of the limiter diodes. This recovery time
can be long – on the order of 1 ms for the CLA4607 series. The
shunt resistor (RR) minimizes the problem. One hundred Ohms
approximately doubles the recovery time compared to a short circuit.
When the Schottky diode is directly coupled to the transmission
line in cascade after the coarse limiter, the leakage power is less
than if a 0
Ω ground return were used. If the Schottky is
decoupled too much, the leakage power increases due to the high
DC impedance of a Schottky. Similarly, a 3
Ω ground return
causes an increase of about 3 dB in leakage power compared to a
0
Ω return.


Similar Part No. - CLA4605-240

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA4605-240 SKYWORKS-CLA4605-240 Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
More results

Similar Description - CLA4605-240

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2019 SKYWORKS-SMV2019_1 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
CLA4601-000 SKYWORKS-CLA4601-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L Datasheet
164Kb / 6P
   Silicon PIN Limiter Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com