Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA4603-240 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # CLA4603-240
Description  Silicon Limiter Diodes, Packaged and Bondable Chips
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA4603-240 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  CLA4603-240 Datasheet HTML 1Page - Skyworks Solutions Inc. CLA4603-240 Datasheet HTML 2Page - Skyworks Solutions Inc. CLA4603-240 Datasheet HTML 3Page - Skyworks Solutions Inc. CLA4603-240 Datasheet HTML 4Page - Skyworks Solutions Inc. CLA4603-240 Datasheet HTML 5Page - Skyworks Solutions Inc. CLA4603-240 Datasheet HTML 6Page - Skyworks Solutions Inc. CLA4603-240 Datasheet HTML 7Page - Skyworks Solutions Inc. CLA4603-240 Datasheet HTML 8Page - Skyworks Solutions Inc. CLA4603-240 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DATA SHEET • CLA SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
September 28, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200100I
Typical Performance Characteristics at 25
°C
Input Power (dBm)
0
+10
+20
+30
+40
+50
+60
+66
0
+10
+20
+30
+40
+50
CLA4603
CLA4606
CLA4607
CLA4604
CLA4601
Figure 1. Typical Peak Leakage Power @ 1 GHz
2
0
4
6
8
10
12
14
16
18
Frequency (GHz)
0.4
0.3
0.2
0.1
0.5
50
Ω
Bonding Wires
50
Ω
Single Diode Section
CJ
RP
Diode Chip
0.50 pF
0.30 pF
0.15 pF
Figure 3. Typical Diode Insertion Loss vs Frequency
Pulse Width (sec)
1
10
100
1.00E-06
1.00E-04
1.00E-02
1.00E+00
CLA4601/2
CLA4603/4/5
CLA4606
CLA4607
CLA4608
Figure 2. Normalized Pulsed Thermal Impedance
0
+10
+20
+30
+40
+50
+60
+66
0
+10
+20
+30
+40
+50
Peak Output Power Input (dBm)
CLA4601
50
Ω
50
Ω
Diode
Chip
CLA4603
CLA4606
CLA4604
CLA4607
Figure 4. Typical Peak Leakage Power @ 1 GHz


Similar Part No. - CLA4603-240

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA4603-240 SKYWORKS-CLA4603-240 Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
More results

Similar Description - CLA4603-240

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2019 SKYWORKS-SMV2019_1 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
CLA4601-000 SKYWORKS-CLA4601-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L Datasheet
164Kb / 6P
   Silicon PIN Limiter Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com