Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY74067-21 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY74067-21
Description  Dual-Band CDMA2000 Transmitter for Cellular CDMA and PCS Femtocell Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY74067-21 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY74067-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY74067-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY74067-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY74067-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY74067-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY74067-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY74067-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY74067-21 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY74067-21 Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DATA SHEET • SKY74067-21 CDMA2000 TRANSMITTER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200803A • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • April 13, 2009
9
C1285a
Top View
Side View
Bottom View
Detail A
5.04 ± 0.05
Solder Mask
0.300
2.000
Detail A
0.150 Pin #1 Mark
Downset Paddle
Exposed Metal
Solder Mask
0.050 Ref.
Package Edge
Pin #1
0.38 ± 0.05
(32x)
0.300 ± 0.02
(32x)
0.400 ± 0.05
(32x)
0.500
All measurements are in millimeters
Figure 4. SKY74067-21 32-Pin RFLGA Package Dimension Drawing
S461
Notes:
1. Carrier tape: black conductive polystyrene
2. Cover tape material: transparent conductive PSA
3. Cover tape size: 9.3 mm width
4. All dimensions are in millimeters
A
B
2.00 ± 0.05
∅1.55 ± 0.05
0.30 ± 0.05
5
o Max.
5
o Max.
1.75 ± 0.10
∅1.50 Min.
8.00 ± 0.02
4.00 ± 0.02
A
B
B
A
1.70
5.35
Pin #1
Indicator
Figure 5. SKY74067-21 Tape and Reel Dimensions


Similar Part No. - SKY74067-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY74038 SKYWORKS-SKY74038 Datasheet
128Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
SKY74073 SKYWORKS-SKY74073 Datasheet
78Kb / 2P
   SKY74073: Dual-Band SPR??Module for GSM and GPRS Handset Applications
SKY74076 SKYWORKS-SKY74076 Datasheet
57Kb / 2P
   Receiver for Dual-Band CDMA and GPS Mobile Handset Applications
SKY74076-11 SKYWORKS-SKY74076-11 Datasheet
57Kb / 2P
   Receiver for Dual-Band CDMA and GPS Mobile Handset Applications
More results

Similar Description - SKY74067-21

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
   CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
logo
Fairchild Semiconductor
RMPA0963 FAIRCHILD-RMPA0963 Datasheet
128Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
logo
ANADIGICS, Inc
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
logo
Fairchild Semiconductor
RMPA1963 FAIRCHILD-RMPA1963 Datasheet
102Kb / 7P
   US-PCS CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY74702 SKYWORKS-SKY74702 Datasheet
63Kb / 2P
   Transmitter for CDMA Applications
logo
ANADIGICS, Inc
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
logo
RF Micro Devices
TA0030 RFMD-TA0030 Datasheet
90Kb / 6P
   TRANSMIT AND RECEIVE AGC AMPLIFIERS FOR CDMA CELLULAR /PCS PHONES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com