Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELD-760-324 Datasheet(PDF) 1 Page - EPIGAP optoelectronic GmbH

Part # ELD-760-324
Description  LED - Lamp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

ELD-760-324 Datasheet(HTML) 1 Page - EPIGAP optoelectronic GmbH

  ELD-760-324 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer.
LED - Lamp
15.11.2007
rev. 02
Radiation
Infrared
Note: Special packages with standoff available on request
Maximum Ratings
Tamb = 25°C, unless otherwise specified
Symbol
Value
Unit
IF
50
mA
IFM
100
mA
PD
120
mW
Tamb
-20 to +85
°C
Tstg
-55 to +100
°C
Junction temperature
TJ
100
°C
Lead soldering temperature
Tsol
260
°C
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Parameter
Test
conditions
Symbol
Min
Typ
Max
Unit
Forward voltage
IF = 20 mA
VF
1.7
2.0
V
Forward voltage
1
IF = 50 mA
VF
2.0
V
Reverse voltage
IR = 100 µA
VR
5V
Radiant power
IF = 20 mA
Φe
46
mW
Radiant power
1
IF = 50 mA
Φe
14
mW
Radiant intensity
IF = 20 mA
Ιe
24
30
mW/sr
Radiant intensity
1
IF = 50 mA
Ιe
70
mW/sr
Peak wavelength
IF = 20 mA
λp
750
760
775
nm
Spectral bandwidth at 50%
IF = 20 mA
∆λ0.5
30
nm
Viewing angle
IF = 20 mA
ϕ
20
deg.
Switching time
IF = 20 mA
tr, tf
35
ns
1for information only
Note: All measurements carried out on EPIGAP equipment
< 5s, 3.0 mm from case
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Forward current (DC)
Peak forward current
Test сonditions
(tP ≤ 50 µs, tP /T = 1/2)
Optical communications, safety equipment,
automation
ELD-760-324
Case
3 mm plastic lens
Technology
AlGaAs/AlGaAs
Type
DDH
Description
Applications
High-power, high-speed infrared LED with lens,
standard 3 mm package allows compact design,
housing without standoff leads
4,3
1,0
0,65
30,0
±1,0
1,5
Anode
Ø 3
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 1


Similar Part No. - ELD-760-324

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELD-760-524 EPIGAP-ELD-760-524 Datasheet
95Kb / 1P
   LED - Lamp
More results

Similar Description - ELD-760-324

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com