Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCPHC4532AS1-XXX Datasheet(PDF) 1 Page - Dubilier

Part # DBCPHC4532AS1-XXX
Description  PIN HEADERS SINGLE ROW SMT STRAIGHT 1.27mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCPHC4532AS1-XXX Datasheet(HTML) 1 Page - Dubilier

  DBCPHC4532AS1-XXX Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
191
Industry compatible
Competitively priced
Various plated contacts available
1.27mm pitch
Various pin lengths available
PIN HEADERS
SINGLE ROW SMT STRAIGHT 1.27mm
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
DBC
PH
C45
04
Dubilier
Connectors
PinHeader
Connector
Series
ContactPlating
G=GoldFlash
S=Selective
T=TinPlated
otherplating
Available
Colour
1=Black
G
ContactMaterial
A=Brass
A
1
NºofWays
02=02way
Throto
40=40way
UniqueSpecial
Code
*SeeBelow
-XXX
*Dubilier will allocate a special code to
distinguish pin lengths if required
2.5
X
Y
1.27
2.5
0.46*0.46
G
mm
E
mm
F
mm
G
E
F
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL94V-0
Current Rating:
1ADC
Contact Resistance:
30MΩMaxat6VDC0.3A
Insulator Resistance:
3000MΩMinat500VDC
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C
RO
DUC
NEW
x
1.27 * Position No.
y
1.27 * (Position No.-1)


Similar Part No. - DBCPHC4532AS1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC4602AG1-XXX DUBILIER-DBCPHC4602AG1-XXX Datasheet
101Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
DBCPHC4602AS1-XXX DUBILIER-DBCPHC4602AS1-XXX Datasheet
101Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
DBCPHC4602AT1-XXX DUBILIER-DBCPHC4602AT1-XXX Datasheet
101Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
DBCPHC4603AG1-XXX DUBILIER-DBCPHC4603AG1-XXX Datasheet
101Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
DBCPHC4603AS1-XXX DUBILIER-DBCPHC4603AS1-XXX Datasheet
101Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
More results

Similar Description - DBCPHC4532AS1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC4732AG1-XXX DUBILIER-DBCPHC4732AG1-XXX Datasheet
91Kb / 1P
   PIN HEADERS DUAL ROW SMT STRAIGHT 1.27mm
DBCPHC0910AG1 DUBILIER-DBCPHC0910AG1 Datasheet
101Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
DBCPHC2332AG1-XXX DUBILIER-DBCPHC2332AG1-XXX Datasheet
149Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT
DBCPHC3410AG1 DUBILIER-DBCPHC3410AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
DBCPHC1104AG1-XXX DUBILIER-DBCPHC1104AG1-XXX Datasheet
89Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 1.27MM
DBCPHC1504AG1-XXX DUBILIER-DBCPHC1504AG1-XXX Datasheet
111Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC4604AG1-XXX DUBILIER-DBCPHC4604AG1-XXX Datasheet
101Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
DBCPHC2707AG1-XXX DUBILIER-DBCPHC2707AG1-XXX Datasheet
100Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 2.00mm
DBCPHC1204AG1-XXX DUBILIER-DBCPHC1204AG1-XXX Datasheet
77Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 1.27MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com