Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW220000E Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW220000E
Description  Photovaltaic & wind power battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW220000E Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW220000E Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(200 A)
5 hour rate(320 A)
1 hour rate(1100 A)
2000 AH
1600 AH
1100 AH
1.5 hour discharge to 1.75 V
Full charged Battery at 25 (77 )
800 A
1.5 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T20
Initial Charging Current less than 500 A
Voltage 2.35-2.40V
Voltage 2.25-2.30V
SW220000E(2V2000AH)
SW2200
00E
(2V2000
AH)
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Weight Approx
2 V
2000 Ah
383mm (15.1 inches)
345mm (13.6 inches)
491 mm (19.3 inches)
351 mm (13.8 inches)
131 Kg (288.2 lbs)
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
1h
3h
4h
5h
8h
10h
20h
10min
30min
1.60V
1.70V
1.75V
1.80V
1.85V
50h
100h
R
Edition Nov. 2009
4220A
2000A
1000A
400A 200A
1.70
2.30
1.90
2.00
2.10
2.20
1.80
1.60
1.50
50
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
1.30
1.40
23A
200
100
20
M8
20
491


Similar Part No. - SW220000E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW220000E SUNNYWAY-SW220000E_17 Datasheet
552Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW220000E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW1290E SUNNYWAY-SW1290E Datasheet
359Kb / 1P
   Photovaltaic & wind power battery
SW12120E SUNNYWAY-SW12120E Datasheet
379Kb / 1P
   Photovaltaic & wind power battery
SW12330E SUNNYWAY-SW12330E Datasheet
419Kb / 1P
   Photovaltaic & wind power battery
SW12700E SUNNYWAY-SW12700E Datasheet
427Kb / 1P
   Photovaltaic & wind power battery
SW23500E SUNNYWAY-SW23500E Datasheet
377Kb / 1P
   Photovaltaic & wind power battery
SW121800E SUNNYWAY-SW121800E Datasheet
502Kb / 1P
   Photovaltaic & wind power battery
SW122300E SUNNYWAY-SW122300E Datasheet
513Kb / 1P
   Photovaltaic & wind power battery
SW215000E SUNNYWAY-SW215000E Datasheet
477Kb / 1P
   Photovaltaic & wind power battery
SW230000E SUNNYWAY-SW230000E Datasheet
538Kb / 1P
   Photovaltaic & wind power battery
SW12220E SUNNYWAY-SW12220E Datasheet
427Kb / 1P
   Photovaltaic & wind power battery
SW12400E SUNNYWAY-SW12400E Datasheet
407Kb / 1P
   Photovaltaic & wind power battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com