Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCL-10120-1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCL-10120-1
Description  16-ch Opto-Isolated Digital Input Board
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCL-10120-1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCL-10120-1 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Signal Conditioning Modules and Terminal Boards
Features
Specifications
Isolated Digital Input
Input Channels
PCLD-782: 16
PCLD-782B: 24
Input Range
0 ~ 24 VDC
Input Resistance
560
Isolation Voltages
1,500 VDC min.
Threshold Voltage
1.5 VDC (VR adjustable)
General
Certifications
CE
Connectors
Digital Input:
Screw terminals (#12 ~ 22 AWG)
Controller:
PCLD-782: 1 x 20-pin box header (CN1)
PCLD-782B: 1 x 20-pin box header (CN1) and
1 x 50-pin box header (CN2)
Dimensions (L x W)
PCLD-782: 3U– 205 x 114 mm (8.1" x 4.5")
PCLD-782B: 4U– 220 x 132 mm (8.7" x 5.2")
LED Indicators
Indicates input logic status
Mounting
4 x screw holes for flat surface mounting
PCLD-782
PCLD-782B
16-ch Opto-Isolated Digital Input Board
24-ch Opto-Isolated Digital Input Board
Compatible with all PC-LabCard™ products with DI channels on either 20-pin
flat cable or 50-pin Opto-22 compatible connectors
16 or 24 optically-isolated digital input channels
Built-in screw terminals for easy input wiring
LEDs indicate input logic status
Inputs buffered with voltage comparators
Introduction
PCLD-782 and PCLD-782B digital input daughterboards feature high-voltage (> 1,500 VDC) optical isolation on all inputs. PCLD-782 provides 16 input channels accessible through
one 20-pin flat cable connector, which is standard on most PC-LabCard™ products. The PCLD-782B provides either 16 or 24 channels, depending on what connector you use. The
PCLD-782B’s 20-pin connector lets you access 16 channels, similar to the PCLD-782, but also provides a 50-pin Opto-22 connector with access to 24 channels.
Both cards have onboard screw terminals for easy input wiring. Optically isolated signal conditioning provides isolation between separate channels, as well as between each input
channel and the PC. This isolation prevents floating potential and ground loop problems while protecting the input lines from potentially damaging fault conditions.
Pin Assignments
Ordering Information
PCLD-782
16-ch Isolated DI Board w/ 1m 20-pin Flat Cable
PCLD-782B
24-ch IDI Board w/ 20-pin & 50-pin Flat Cables
PCL-10120-1
20-pin Flat Cable, 1 m
PCL-10120-2
20-pin Flat Cable, 2 m
PCL-10150-1.2
50-pin Flat Cable, 1.2 m


Similar Part No. - PCL-10120-1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-10120-1 ADVANTECH-PCL-10120-1 Datasheet
179Kb / 1P
   2-ch, 12-bit Analog Output PC/104 Module 100KS/s, 12-bit, 16-ch PC/104 Multifunction Module
PCL-10120-1 ADVANTECH-PCL-10120-1 Datasheet
522Kb / 1P
   16-ch Relay Board
PCL-10120-1 ADVANTECH-PCL-10120-1 Datasheet
610Kb / 1P
   8-ch Relay and Isolated Digital Input PC/104 Module
PCL-10120-1 ADVANTECH-PCL-10120-1 Datasheet
245Kb / 1P
   16-ch Relay Multiplexer Board
PCL-10120-1 ADVANTECH-PCL-10120-1 Datasheet
650Kb / 1P
   32-ch Isolated Digital I/O PCI-104 Module
More results

Similar Description - PCL-10120-1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCLD-782 ADVANTECH-PCLD-782_V01 Datasheet
395Kb / 1P
   16/24-ch Opto-Isolated Digital Input Board
19-Mar-2014
PCLD-8751 ADVANTECH-PCLD-8751 Datasheet
63Kb / 1P
   48-ch Opto-Isolated Digital Input Board
PCLD-8751 ADVANTECH-PCLD-8751_V01 Datasheet
378Kb / 1P
   48-ch Opto-Isolated Digital Input Board
19-Mar-2014
AMAX-4830 ADVANTECH-AMAX-4830 Datasheet
473Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital
24-Dec-2018
PCI-1762 ADVANTECH-PCI-1762 Datasheet
587Kb / 1P
   16-ch Relay and 16-ch Isolated Digital Input PCI Card
PCI-1762 ADVANTECH-PCI-1762_15 Datasheet
165Kb / 1P
   16-ch Relay and 16-ch Isolated Digital Input PCI Card
logo
Contec Co., Ltd
DIO-1616H-PE CONTEC-DIO-1616H-PE Datasheet
240Kb / 2P
   Opto-Isolated Digital I/O for PCI Express 16 ch type
logo
Advantech Co., Ltd.
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
   16-ch Isolated Digital Input Modbus TCP Module
ADAM-4056SO ADVANTECH-ADAM-4056SO Datasheet
80Kb / 1P
   16-ch Digital Input Module 16-ch Isolated Digital I/O Module with Modbus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com