Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL-157RGB Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MSL-157RGB
Description  Surface Mount Full Color Chip LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-157RGB Datasheet(HTML) 1 Page - Unity Opto Technology

  MSL-157RGB Datasheet HTML 1Page - Unity Opto Technology MSL-157RGB Datasheet HTML 2Page - Unity Opto Technology MSL-157RGB Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Full Color Chip LEDs
MSL-157RGB
Description
Package Dimensions
The MSL-157RGB , a full colors device, is made with
InGaN ( on Sapphire substrate) BLUE, TRUE GREEN and AlInGaP
SOFT RED LED dice. It is PCB type package, suitable for all
SMT assembly methods.
Features
l
Key pad backlighting
l
Symbol backlighting
l
Front panel indicator
Absolute Maximum Ratings
Parameter
Symbol
Maximum Rating
Unit
Peak Forward Current(1/10 Duty Cycle@1KHz )
IFP
100
mA
Continuous Forward Current
IF
30
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-20
oC to +80oC
Storage Temperature Range
Tstg
-30
oC to +100oC
08/07/2001
Unity Opto Technology Co., Ltd.
@ T
A=25
oC
Notes :
1. All dimensions are in millimeters.
2. Tolerance is ± 0.10 mm unless otherwise noted.
Unit: mm
2
4
3
1
Common Anode


Similar Part No. - MSL-157RGB

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154BV UOT-MSL-154BV Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154DR UOT-MSL-154DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154G UOT-MSL-154G Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
More results

Similar Description - MSL-157RGB

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-204RGBAH UOT-MSL-204RGBAH Datasheet
47Kb / 3P
   Surface Mount Full Color PLCC LEDs
MSL-204RGBU UOT-MSL-204RGBU Datasheet
52Kb / 3P
   Surface Mount Full Color PLCC LEDs
logo
Everlight Electronics C...
R6G6BHC-A01 EVERLIGHT-R6G6BHC-A01 Datasheet
213Kb / 12P
   Full Color Chip LEDs
logo
Broadcom Corporation.
HSMF-C153 BOARDCOM-HSMF-C153 Datasheet
153Kb / 8P
   Bi-color Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-155XX UOT-MSL-155XX Datasheet
48Kb / 3P
   Surface Mount Bi-Color Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C15X AVAGO-HSMF-C15X Datasheet
212Kb / 8P
   Bi-color Surface Mount Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMF-C165 HP-HSMF-C165 Datasheet
200Kb / 8P
   Miniature Bi-Color Surface Mount Chip LEDs
logo
Everlight Electronics C...
67-23-R6GHBHC-B05-2T EVERLIGHT-67-23-R6GHBHC-B05-2T Datasheet
285Kb / 13P
   Full Color Top LEDs
logo
Kingbright Corporation
APTF1616PBASURKCGKC KINGBRIGHT-APTF1616PBASURKCGKC Datasheet
247Kb / 7P
   1.6x1.6mm FULL-COLOR SURFACE MOUNT LED
APTF1616SEEVGAPBAC KINGBRIGHT-APTF1616SEEVGAPBAC Datasheet
247Kb / 7P
   1.6x1.6mm FULL-COLOR SURFACE MOUNT LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com