Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELC-875-19-50 Datasheet(PDF) 1 Page - EPIGAP optoelectronic GmbH

Part # ELC-875-19-50
Description  LED - Chip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

ELC-875-19-50 Datasheet(HTML) 1 Page - EPIGAP optoelectronic GmbH

  ELC-875-19-50 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer.
LED - Chip
14.11.2007
rev. 05
Radiation
Infrared
typ. dimensions (µm)
typ. thickness
cathode
anode
Maximum Ratings
Tamb = 25°C, unless otherwise specified
Parameter
Test
conditions
Symbol
Min
Typ
Max
Unit
Forward current (DC)
IF
100
mA
Peak forward current
tP≤50 µs,
tP/T = 1/2
IFM
200
mA
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Parameter
Test
conditions
Symbol
Min
Typ
Max
Unit
Forward voltage
IF = 20 mA
VF
1.3
1.5
V
Forward voltage
IF = 100 mA
VF
1.5
1.9
V
Reverse voltage
IR = 10 µA
VR
5V
Radiant power*
IF = 20 mA
Φe
0.6
0.8
mW
Radiant power*
IF = 100 mA
Φe
4.0
5.5
mW
Peak wavelength
IF = 20 mA
λp
865
875
885
nm
Spectral bandwidth at 50%
IF = 20 mA
∆λ0.5
40
nm
Switching time
IF = 20 mA
tr, tf
16
ns
*Measured on bare chip on TO-18 header with EPIGAP equipment
Labeling
Type
Φe(typ) [mW]
VF(typ) [V]
ELС-875-19-50
Packing: Chips on adhesive film with wire-bond side on top
260 (±20) µm
gold alloy, 0.5 µm
gold alloy, 1.5 µm
Quantity
Lot N°
Type
Point Source
ELC-875-19-50
Electrodes
P (anode) up
Technology
AlGaAs/GaAs
570
180
PS-10
Ø150
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 1


Similar Part No. - ELC-875-19-50

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELC-875-19-20 EPIGAP-ELC-875-19-20 Datasheet
19Kb / 1P
   LED - Chip
More results

Similar Description - ELC-875-19-50

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com