Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC-3321 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIC-3321
Description  3U CompactPCI Pentium M 2.0G High performance Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-3321 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIC-3321 Datasheet HTML 1Page - Advantech Co., Ltd. MIC-3321 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
CompactPCI Systems
MIC-3321
3U CompactPCI Pentium M 2.0G
High-performance Controller
Built-in Intel® Pentium® M 760 2.0G processor with 2 MB L2 Cache
Mobile Intel 915GM express chipset
Supports up to 1GB DDR2 533/400 SDRAM soldered on board
Extended operating temp: -25 ~ 70° C (Optional: MIC-3321C only)
Dual Giga LAN on PCI-Express
High-performance Intel Graphics Media Accelerator 900 VGA display
Onboard CompactFlash® disk socket
Onboard 2.5" HDD support
Rear I/O signal support for easy wiring
Introduction
The MIC-3321 3U is a CompactPCI system controller board that combines the performance of Intel’s Mobile Pentium M 760 2.0GHz processor with the high integration of the 915GM
chipset and the I/O Controller Hub ICH6. The low power of the Intel Mobile Celeron® M makes it possible to work with high extended temperature ranges. The directed soldered CPU
and memory provide less weight and a higher shock/vibration resistance than socket devices.
MIC-3321 is a powerful 3U CompactPCI Controller that fulfills your requirements in mission critical applications, such as military defense, transportation, traffic control, test and
measurement (T&M) as well as critical data acquisition & control applications.
Specifications
CPU
MIC-3321: Intel Pentium M 760 2.0 GHz with 2
MB
L2 cache
MIC-3321C: Intel Celeron M Ultra Low Voltage
373
1.0 GHz with 512 KB L2 cache
Chipset
Intel 915 GM (GMCH) + Intel 82801FBM (ICH6-
M)
BIOS
Award 4 MB Flash
Bus
Front Side Bus
533 MHz (Intel Pentium M 760 2.0 GHz CPU)
400 MHz (Intel Celeron M Ultra Low Voltage 373
1.0 GHz CPU)
PCI Bus
PCI-to-PCI Bridge: PERICOM PI7C8150
7 x 32bit/33MHz CompactPCI bus Master interface
3.3 V/5 V VIO adjustable
Memory
Directed Soldered 512 MB DDR2 SDRAM
Graphics
Controller: Intel Graphics Media Accelerator 900
VRAM: DVMT3.0 128MB
Resolution: Up to 2048 x 1536 with 32-bit color
at 75 Hz
Ethernet
Interface: 10/100/1000Base-TX Gigabit Ethernet
Controller: 2 x Intel 82573E/L PCI Express Gigabit
Ethernet Controller
Connector: 2 x RJ-45
Supports Pre-boot Execution Environment (PXE)
Serial
Interface: RS-232
Controller: 2 x 16C550 Compatible
Data Bits: 5, 6, 7, 8
Stop Bits: 1, 1.5, 2
Parity: None, Even, Odd
Speed (bps): 50 ~ 115.2K
Data Signal: TxD, RxD, RTS, CTS, DTR, DSR,
DCD, RI, GND
Connector: 2 x DB9 male
Two as front I/O, one as rear I/O
P-IDE
One channel P-IDE
Supports PIO mode 4 (16.67MB/s data transfer
rate) and ATA 33/66/100
(33/66/100MB/s data transfer rate)
1 x CompactFlash Socket Type II
1 x 44-pin 2.5" HDD connector
SATA
SATA interface with data transfer rate up to
150MB/s
1 x External SATA connector
USB
4 x USB 2.0 channels up to 480Mbps, 2 as front
I/O, 2 as rear I/O
PS/2
PS/2 for keyboard and mouse legacy support
Watchdog Timer
0 ~ 64s, 0.25s step, generate reset signal
Hot Swap
Support for all signals to allow peripheral boards
to be hot swapped. The individual clocks for
each slot and access to the backplane ENUM#
signal comply with the PICMG 2.1 Hot Swap
specification. (PCI to PCI bridge GPIO3)
NEW


Similar Part No. - MIC-3321

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3321C-CE ADVANTECH-MIC-3321C-CE Datasheet
187Kb / 1P
   3U CompactPCI짰 Intel Celeron짰 M 1GHz / Pentium짰 M 2 GHz Controller
MIC-3321D-CE ADVANTECH-MIC-3321D-CE Datasheet
187Kb / 1P
   3U CompactPCI짰 Intel Celeron짰 M 1GHz / Pentium짰 M 2 GHz Controller
MIC-3321 ADVANTECH-MIC-3321_15 Datasheet
187Kb / 1P
   3U CompactPCI짰 Intel Celeron짰 M 1GHz / Pentium짰 M 2 GHz Controller
More results

Similar Description - MIC-3321

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCI-3511 ADLINK-CPCI-3511 Datasheet
842Kb / 2P
   3U CompactPCI
CPCI-3510 ADLINK-CPCI-3510 Datasheet
712Kb / 4P
   3U CompactPCI
CPCIS-2630 ADLINK-CPCIS-2630 Datasheet
252Kb / 2P
   3U CompactPCI Subsystem
CPCIS-2642 ADLINK-CPCIS-2642 Datasheet
229Kb / 2P
   Dual 3U CompactPCI Subsystem
logo
Advantech Co., Ltd.
MIC-3023 ADVANTECH-MIC-3023 Datasheet
694Kb / 2P
   3U Height CompactPCI® Enclosure for 3U Cards
11-Feb-2022
logo
HITRON ELECTRONICS CORP...
HAC300S-D120E HITRON-HAC300S-D120E Datasheet
341Kb / 4P
   3U x 8HP CompactPCI Serial
logo
Advantech Co., Ltd.
MIC-3954 ADVANTECH-MIC-3954 Datasheet
859Kb / 2P
   3U CompactPCI® Quad Mini PCIe & M.2 Carrier Board
3-Feb-2021
MIC-300 ADVANTECH-MIC-300 Datasheet
912Kb / 3P
   3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
logo
Murata Power Solutions ...
CPCI325D-101C MURATA-PS-CPCI325D-101C Datasheet
152Kb / 4P
   325 Watt, 3U x 8HP CompactPCI?
logo
Murata Manufacturing Co...
TPS_CPCI325D MURATA-TPS_CPCI325D Datasheet
144Kb / 4P
   325 Watt, 3U x 8HP CompactPCI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com