Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1019-QH Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1019-QH
Description  27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1019-QH Datasheet(HTML) 2 Page - Mimix Broadband

  XR1019-QH Datasheet HTML 1Page - Mimix Broadband XR1019-QH Datasheet HTML 2Page - Mimix Broadband XR1019-QH Datasheet HTML 3Page - Mimix Broadband XR1019-QH Datasheet HTML 4Page - Mimix Broadband XR1019-QH Datasheet HTML 5Page - Mimix Broadband XR1019-QH Datasheet HTML 6Page - Mimix Broadband XR1019-QH Datasheet HTML 7Page - Mimix Broadband XR1019-QH Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
27.0-34.0 GHz GaAs Receiver
QFN, 4x4mm
R1019-QH
Receiver Measurements
Page 2 of 8
XR1019-QH: LSB Noise Figure vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
XR1019-QH: USB Noise Figure vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
XR1019-QH: LSB Conv. Gain vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
0
2
4
6
8
10
12
14
16
18
20
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
XR1019-QH: USB Conv. Gain vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
0
2
4
6
8
10
12
14
16
18
20
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
XR1019-QH: LSB IIP3 vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
-10
-8
-6
-4
-2
0
2
4
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
XR1019-QH: USB IIP3 vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
-10
-8
-6
-4
-2
0
2
4
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 9-Feb-10


Similar Part No. - XR1019-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1019-QH MIMIX-XR1019-QH Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XR1019-QH MA-COM-XR1019-QH Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs ReceiverQFN
logo
Mimix Broadband
XR1019-QH MIMIX-XR1019-QH_11 Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XR1019-QH MA-COM-XR1019-QH_15 Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs ReceiverQFN
More results

Similar Description - XR1019-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1011-QH MIMIX-XR1011-QH Datasheet
433Kb / 7P
   4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
XR1015-QH MIMIX-XR1015-QH Datasheet
465Kb / 9P
   10.0-16.0 GHz GaAs Receiver QFN, 4x4mm
U1010-QH MIMIX-U1010-QH_10 Datasheet
818Kb / 5P
   17.0-34.0 GHz Up-Converter QFN, 4x4mm
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
XR1002 MIMIX-XR1002 Datasheet
402Kb / 10P
   18.0-34.0 GHz GaAs MMIC Receiver
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
   17.0-27.0 GHz GaAs MMIC Receiver
XB1009-QT MIMIX-XB1009-QT Datasheet
267Kb / 8P
   12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com