Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1073-BD-000V Datasheet(PDF) 6 Page - Mimix Broadband

Part # XP1073-BD-000V
Description  34.0-37.0 GHz GaAs MMIC Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1073-BD-000V Datasheet(HTML) 6 Page - Mimix Broadband

Back Button XP1073-BD-000V Datasheet HTML 2Page - Mimix Broadband XP1073-BD-000V Datasheet HTML 3Page - Mimix Broadband XP1073-BD-000V Datasheet HTML 4Page - Mimix Broadband XP1073-BD-000V Datasheet HTML 5Page - Mimix Broadband XP1073-BD-000V Datasheet HTML 6Page - Mimix Broadband XP1073-BD-000V Datasheet HTML 7Page - Mimix Broadband XP1073-BD-000V Datasheet HTML 8Page - Mimix Broadband XP1073-BD-000V Datasheet HTML 9Page - Mimix Broadband XP1073-BD-000V Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Page 6 of 10
S-Parameters (On Wafer1)
P1073-BD
34.0-37.0 GHz GaAs MMIC
Power Amplifier
Note [1] S-Parameters – On-Wafer S-Parameters have been taken using reduced bias conditions as shown. Measurements are referenced 150 um in
from RF In/Out pad edge.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Typcial S-Parameter Data for XP1073-BD
Vd=6.0 V, Id=3496 mA
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
25.0
0.126
-163.43
0.0435
-29.84
0.0010
-72.16
0.408
171.74
26.0
0.086
177.67
0.0428
-52.33
0.0012
-142.66
0.301
157.87
27.0
0.040
-164.13
0.0892
-41.61
0.0006
-179.07
0.121
159.30
28.0
0.060
-105.82
0.3643
-89.44
0.0012
155.77
0.223
-120.93
29.0
0.114
-108.01
0.9273
-170.67
0.0017
128.80
0.393
-146.63
30.0
0.161
-124.60
1.6059
109.55
0.0019
103.60
0.383
-169.75
31.0
0.168
-145.12
2.6030
31.52
0.0021
80.93
0.281
-174.94
32 0
0 135
162 59
4 1592
46 96
0 0020
24 96
0 276
163 62
32.0
0.135
-162.59
4.1592
-46.96
0.0020
24.96
0.276
-163.62
33.0
0.083
-164.66
6.6475
-129.90
0.0022
-30.51
0.263
-166.63
34.0
0.073
-113.90
10.3062
137.04
0.0025
-89.52
0.239
-151.56
35.0
0.122
-124.52
13.4149
32.83
0.0015
-160.91
0.331
-150.99
36.0
0.109
-113.27
15.2615
-70.95
0.0026
138.81
0.296
-164.04
37.0
0.169
-117.83
13.1873
175.18
0.0027
96.48
0.295
-159.09
38.0
0.152
-135.52
8.5793
68.73
0.0019
53.18
0.256
-158.19
39.0
0.147
-136.53
5.0154
-30.18
0.0013
-19.75
0.295
-138.43
40.0
0.117
-144.90
2.6000
-126.62
0.0006
-178.98
0.407
-143.70
41.0
0.064
-121.94
1.1224
143.92
0.0008
3.64
0.443
-157.24
42.0
0.119
-79.97
0.4391
66.61
0.0012
-140.25
0.395
-168.56
43.0
0.199
-84.98
0.1703
-1.71
0.0022
167.26
0.314
-170.76
44.0
0.252
-97.73
0.0666
-63.87
0.0020
143.44
0.262
-157.59
45.0
0.277
-111.85
0.0257
-117.92
0.0014
66.51
0.306
-142.50
February 2010 - Rev 16-Feb-10


Similar Part No. - XP1073-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
   14.5-17.0 GHz GaAs MMIC
XP1072-BD MIMIX-XP1072-BD Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
XP1072-BD-000V MIMIX-XP1072-BD-000V Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
XP1072-BD-EV1-P MIMIX-XP1072-BD-EV1-P Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1073-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1072-BD MIMIX-XP1072-BD Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
28MPA0304 MIMIX-28MPA0304 Datasheet
345Kb / 6P
   24.0-34.0 GHz GaAs MMIC Power Amplifier
XP1031-BD MIMIX-XP1031-BD Datasheet
1Mb / 1P
   37.0-42.0 GHz GaAs MMIC Power Amplifier
XP1018-BD MIMIX-XP1018-BD Datasheet
358Kb / 8P
   37.0-42.0 GHz GaAs MMIC Power Amplifier
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XP1023-BD MIMIX-XP1023-BD Datasheet
274Kb / 6P
   24.0-34.0 GHz GaAs MMIC Power Amplifier
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1018-BD MA-COM-XP1018-BD Datasheet
353Kb / 8P
   37.0-42.0 GHz GaAs MMIC
logo
Mimix Broadband
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com