Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1073-BD Datasheet(PDF) 9 Page - Mimix Broadband

Part # XP1073-BD
Description  34.0-37.0 GHz GaAs MMIC Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1073-BD Datasheet(HTML) 9 Page - Mimix Broadband

Back Button XP1073-BD Datasheet HTML 2Page - Mimix Broadband XP1073-BD Datasheet HTML 3Page - Mimix Broadband XP1073-BD Datasheet HTML 4Page - Mimix Broadband XP1073-BD Datasheet HTML 5Page - Mimix Broadband XP1073-BD Datasheet HTML 6Page - Mimix Broadband XP1073-BD Datasheet HTML 7Page - Mimix Broadband XP1073-BD Datasheet HTML 8Page - Mimix Broadband XP1073-BD Datasheet HTML 9Page - Mimix Broadband XP1073-BD Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Page 9 of 10
MTTF at CW Graph
P1073-BD
34.0-37.0 GHz GaAs MMIC
Power Amplifier
XP1073-BD Vd=6.0 V, Id1=320 mA
Id2=640 mA, Id3=1280 mA, Id4=2560 mA
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XP1073-BD Vd=6.0 V, Id1=320 mA
Id2=640 mA, Id3=1280 mA, Id4=2560 mA
1.00E+03
1.00E+04
1.00E+05
1.00E+06
1.00E+07
1.00E+08
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XP1073-BD Vd=6.0 V, Id1=320 mA
Id2=640 mA, Id3=1280 mA, Id4=2560 mA
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
XP1073-BD Vd=6.0 V, Id1=320 mA
Id2=640 mA, Id3=1280 mA, Id4=2560 mA
170
180
190
200
210
220
230
240
250
260
270
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
These numbers were calculated based upon accelerated life test information received from the fabricating foundry and extensive thermal modeling/
finite element analysis done at Mimix Broadband.The values shown here are only to be used as a guideline against the end application requirements
and only represent reliability information under one bias condition. Ultimately bias conditions and resulting power dissipation along with the
practical aspects, i.e. thermal material stack-up, attach method of die placement are the key parts in determining overall reliability for a specific
application, see previous pages. If the data shown below does not meet your reliability requirements or if the bias conditions are not within your
operating limits please contact technical sales for additional information.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 16-Feb-10


Similar Part No. - XP1073-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
   14.5-17.0 GHz GaAs MMIC
XP1072-BD MIMIX-XP1072-BD Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
XP1072-BD-000V MIMIX-XP1072-BD-000V Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
XP1072-BD-EV1-P MIMIX-XP1072-BD-EV1-P Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1073-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1072-BD MIMIX-XP1072-BD Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
28MPA0304 MIMIX-28MPA0304 Datasheet
345Kb / 6P
   24.0-34.0 GHz GaAs MMIC Power Amplifier
XP1031-BD MIMIX-XP1031-BD Datasheet
1Mb / 1P
   37.0-42.0 GHz GaAs MMIC Power Amplifier
XP1018-BD MIMIX-XP1018-BD Datasheet
358Kb / 8P
   37.0-42.0 GHz GaAs MMIC Power Amplifier
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XP1023-BD MIMIX-XP1023-BD Datasheet
274Kb / 6P
   24.0-34.0 GHz GaAs MMIC Power Amplifier
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1018-BD MA-COM-XP1018-BD Datasheet
353Kb / 8P
   37.0-42.0 GHz GaAs MMIC
logo
Mimix Broadband
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com