Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1039-QJ Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1039-QJ
Description  5.6-7.1 GHz Linear 4W Power Amplifier 6x6mm QFN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1039-QJ Datasheet(HTML) 2 Page - Mimix Broadband

  XP1039-QJ Datasheet HTML 1Page - Mimix Broadband XP1039-QJ Datasheet HTML 2Page - Mimix Broadband XP1039-QJ Datasheet HTML 3Page - Mimix Broadband XP1039-QJ Datasheet HTML 4Page - Mimix Broadband XP1039-QJ Datasheet HTML 5Page - Mimix Broadband XP1039-QJ Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Power Amplifier Measurements
Page 2 of 6
P1039-QJ
XP1039-QJ: Gain vs Freq
Vd=8V, Id=1400mA, Temp=25degC
10
11
12
13
14
15
16
17
18
19
20
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
XP1039-QJ: P1dB vs Freq
Vd=8V, Id=1400mA, Temp=25degC
30
31
32
33
34
35
36
37
38
39
40
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
XP1039-QJ: OIP3 vs Freq
Ptotal=28.5dBm, Vd=8V, Id=1400mA, Temp=25degC
40
42
44
46
48
50
52
54
56
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
XP1039-QJ: P1dB vs Freq
Vd=8V, Id=1200mA/1400mA, Temp=25degC
30
31
32
33
34
35
36
37
38
39
40
5.65.9
6.2
6.56.8
7.1
Frequency (GHz)
1200mA
1400mA
XP1039-QJ: OIP3 vs Freq
Ptotal=28.5dBm, Vd=8V, Id=1200mA/1400mA, Temp=25degC
20
25
30
35
40
45
50
55
60
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
1200mA
1400mA
XP1039-QJ: OIP3 vs Freq
Ptotal=25dBm, Vd=8V, Id=1200mA/1400mA, Temp=25degC
20
25
30
35
40
45
50
55
60
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
1200mA
1400mA
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
5.6-7.1 GHz Linear 4W Power Amplifier
6x6mm QFN
October 2009 - Rev 08-Oct-09


Similar Part No. - XP1039-QJ

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1039-QJ MIMIX-XP1039-QJ Datasheet
1Mb / 6P
   115.6-7.1 GHz Linear
logo
M/A-COM Technology Solu...
XP1039-QJ MA-COM-XP1039-QJ Datasheet
213Kb / 7P
   2.5 W Power Amplifier
XP1039-QJ-0G00 MA-COM-XP1039-QJ-0G00 Datasheet
911Kb / 8P
   Integrated Power Detector
XP1039-QJ-0G0T MA-COM-XP1039-QJ-0G0T Datasheet
911Kb / 8P
   Integrated Power Detector
XP1039-QJ-EV1 MA-COM-XP1039-QJ-EV1 Datasheet
911Kb / 8P
   Integrated Power Detector
More results

Similar Description - XP1039-QJ

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1050-QJ MIMIX-XP1050-QJ Datasheet
629Kb / 10P
   7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
logo
Mimix Broadband
XP1035-QH MIMIX-XP1035-QH_10 Datasheet
860Kb / 7P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1035-QH MIMIX-XP1035-QH Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1039-QJ MIMIX-XP1039-QJ_11 Datasheet
1Mb / 6P
   115.6-7.1 GHz Linear
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
TGA2502 TRIQUINT-TGA2502 Datasheet
180Kb / 9P
   13 - 15 GHz 4W Power Amplifier
TGA2502 TRIQUINT-TGA2502_15 Datasheet
435Kb / 10P
   13 15 GHz 4W Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com