Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CGB8001-SC-00A0 Datasheet(PDF) 6 Page - Mimix Broadband

Part # PB-CGB8001-SC-00A0
Description  DC-2.8 GHz InGaP HBT 0.5W Medium Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CGB8001-SC-00A0 Datasheet(HTML) 6 Page - Mimix Broadband

  PB-CGB8001-SC-00A0 Datasheet HTML 1Page - Mimix Broadband PB-CGB8001-SC-00A0 Datasheet HTML 2Page - Mimix Broadband PB-CGB8001-SC-00A0 Datasheet HTML 3Page - Mimix Broadband PB-CGB8001-SC-00A0 Datasheet HTML 4Page - Mimix Broadband PB-CGB8001-SC-00A0 Datasheet HTML 5Page - Mimix Broadband PB-CGB8001-SC-00A0 Datasheet HTML 6Page - Mimix Broadband PB-CGB8001-SC-00A0 Datasheet HTML 7Page - Mimix Broadband PB-CGB8001-SC-00A0 Datasheet HTML 8Page - Mimix Broadband PB-CGB8001-SC-00A0 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6 of 9
Typical S-Parameter and Noise Performance: 2.45 GHz
CGB8001-SC
0
0.5
1
1.5
2
2.5
33.5
4
Frequency (GHz)
5V, 100mA, App CKT @ 2500MHz
-25
-20
-15
-10
-5
0
5
10
15
20
25
S11
S21
S22
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.75
2.8
Frequency (GHz)
5V, 100mA, App CKT @ 2500MHz
-25
-20
-15
-10
-5
0
5
10
15
20
25
S11
S21
S22
ACPR
Vd = 5V, Iq = 100mA, 2450MHz
WCDMA TM-1, 64 DPCH
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
25degC
-40degC
85degC
2.45GHz
-40
25
85
Unit
Gain
14.0
13.7
12.8
dB
P1dB
26.8
26.6
26.2
dBm
NF
3.8
4.1
4.9
dB
Current Vs Output Power
Vd = 5V, Iq = 100mA, 2450MHz
WCDMA TM-1, 64 DPCH
80
90
100
110
120
130
140
150
160
170
180
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
25degC
-40degC
85degC
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
DC-2.8 GHz InGaP HBT
0.5W Medium Power Amplifier
October 2008 - Rev 06-Oct-08


Similar Part No. - PB-CGB8001-SC-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CGB8001-SC-00A0 MIMIX-PB-CGB8001-SC-00A0 Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
More results

Similar Description - PB-CGB8001-SC-00A0

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC414MS8G HITTITE-HMC414MS8G Datasheet
364Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC414MS8G HITTITE-HMC414MS8G_09 Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
logo
Mimix Broadband
CGB8002-SC MIMIX-CGB8002-SC Datasheet
290Kb / 12P
   DC-2.8 GHz InGaP HBT 3.3V, Matched Gain Block Amplifier
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
   InGaP HBT 2.3 - 2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
   InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
   InGaP HBT 2.4-2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com