Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1014-QT Datasheet(PDF) 4 Page - Mimix Broadband

Part # XB1014-QT
Description  37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1014-QT Datasheet(HTML) 4 Page - Mimix Broadband

  XB1014-QT Datasheet HTML 1Page - Mimix Broadband XB1014-QT Datasheet HTML 2Page - Mimix Broadband XB1014-QT Datasheet HTML 3Page - Mimix Broadband XB1014-QT Datasheet HTML 4Page - Mimix Broadband XB1014-QT Datasheet HTML 5Page - Mimix Broadband XB1014-QT Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RFIN
VD1
VD2
VD3
VG1
VG2
VG3
GND
GND
RFOUT
GND
GND
37.0-40.0 GHz GaAs MMIC
Buffer Amplifier, QFN
B1014-QT
Page 4 of 6
Package Dimensions / Layout
Functional Block Diagram/Pin Designations
Pin Designations
Pin Number
3
5
6
7
10
13
14
15
Pin Name
RF In
VG1
VG2
VG3
RF Out
VD3
VD2
VD1
Pin Function
RF Input
Gate 1 Bias
Gate 2 Bias
Gate 3 Bias
RF Output
Drain 3 Bias
Drain 2 Bias
Drain 1 Bias
Nominal Value
-
Approx. -0.3V
Approx. -0.3V
Approx. -0.3V
-
4V, 125 mA
4V, 62.5 mA
4V, 62.5 mA
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 22-Jan-10


Similar Part No. - XB1014-QT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XB1014-QT MA-COM-XB1014-QT Datasheet
732Kb / 7P
   Buffer Amplifier
XB1014-QT-0G00 MA-COM-XB1014-QT-0G00 Datasheet
732Kb / 7P
   Buffer Amplifier
XB1014-QT-0G0T MA-COM-XB1014-QT-0G0T Datasheet
732Kb / 7P
   Buffer Amplifier
XB1014-QT-EV1 MA-COM-XB1014-QT-EV1 Datasheet
732Kb / 7P
   Buffer Amplifier
XB1014-QT-V2 MA-COM-XB1014-QT-V2 Datasheet
200Kb / 6P
   Buffer Amplifier
More results

Similar Description - XB1014-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
XP1080-QU MIMIX-XP1080-QU Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XP1031-QK MIMIX-XP1031-QK_09 Datasheet
224Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XD1005-QT MIMIX-XD1005-QT Datasheet
197Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XP1080-QU MIMIX-XP1080-QU_11 Datasheet
966Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XD1004-QT MIMIX-XD1004-QT Datasheet
190Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB Datasheet
972Kb / 7P
   37.0-40.0 GHz GaAs Receiver
logo
Mimix Broadband
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter QFN, 4x4mm
XB1008-QT MIMIX-XB1008-QT Datasheet
694Kb / 6P
   10.0-21.0 GHz GaAs MMIC Buffer Amplifier, QFN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com