Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW6140 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW6140
Description  General Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW6140 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW6140 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50A
42A
28A
14A
5.6A
2.8A 1.4A
0.7A
5.10
6.90
5.70
6.00
6.30
6.60
5.40
4.80
4.50
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
3.90
4.20
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
14.0 AH
12.9 AH
12.0 AH
8.40 AH
1.5 hour discharge to 5.25 V
Full charged Battery at 25 (77 )
6.0A
12 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
Tw10
Initial Charging Current less than 5.6 A
Voltage 7.20-7.35 V
Voltage 6.75-6.90 V
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
4.80V
5.10V
5.25V
5.40V
5.55V
6 V
14 Ah
140 mm(5.55 inches)
140 mm(5.55 inches)
108 mm(4.25 inches)
70 mm(2.76 inches)
2.3 Kg(5.06 lbs)
20 hour rate(0.70A)
10 hour rate(1.29A)
5 hour rate(2.40A)
1 hour rate(8.40A)
SW6140(6V14AH)
108
70
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
2
BLACK
RED


Similar Part No. - SW6140

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW6140 SUNNYWAY-SW6140 Datasheet
402Kb / 1P
   General Battery
SW6140E SUNNYWAY-SW6140E Datasheet
412Kb / 1P
   Photovaltaic & wind power battery
More results

Similar Description - SW6140

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW12100 SUNNYWAY-SW12100_1 Datasheet
402Kb / 1P
   General Battery
SW12220 SUNNYWAY-SW12220 Datasheet
528Kb / 1P
   General Battery
SW12260 SUNNYWAY-SW12260 Datasheet
442Kb / 1P
   General Battery
SW12700 SUNNYWAY-SW12700 Datasheet
435Kb / 1P
   General Battery
SW121100 SUNNYWAY-SW121100 Datasheet
536Kb / 1P
   General Battery
SW660 SUNNYWAY-SW660_1 Datasheet
344Kb / 1P
   General Battery
SW1215 SUNNYWAY-SW1215 Datasheet
429Kb / 1P
   General Battery
SW1223 SUNNYWAY-SW1223 Datasheet
413Kb / 1P
   General Battery
SW1226 SUNNYWAY-SW1226_1 Datasheet
424Kb / 1P
   General Battery
SW1240 SUNNYWAY-SW1240 Datasheet
380Kb / 1P
   General Battery
SW633 SUNNYWAY-SW633 Datasheet
420Kb / 1P
   General Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com