Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TREK-743R-WCEA0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TREK-743R-WCEA0E
Description  7 Vehicle Mounted Computer with AMD LX800 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TREK-743R-WCEA0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TREK-743R-WCEA0E Datasheet HTML 1Page - Advantech Co., Ltd. TREK-743R-WCEA0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
TREK-743
Fully Integrated I/O
A: 2 x USB v2.0
B: 2 x RS-232/422/485
C: 1 x 10/100 LAN
D: 1 x CAN Bus & 4 Optically Isolated
DI/DO (DB-15 Connectors)
E: DC Inlet
F: Power On/Off Switch
Mounting Kits
A
B
C
D
E
F
Ordering Information
Part Number
Description
TREK-743R-CEA0E
TREK-743R-A0E with 256 MB DDR,128 MB CF, CE5.0
TREK-743R-XPEA0E
TREK-743R-A0E with 256 MB DDR, 2 GB CF, XPE
TREK-743R-GCEA0E
TREK-743R-CEA0E w/GPS, GSM/GPRS
TREK-743R-GXPEA0E
TREK-743R-XPEA0E w/GPS, GSM/GPRS
TREK-743R-WXPEA0E
TREK-743R-XPEA0E w/WLAN
TREK-743R-WCEA0E
TREK-743R-CEA0E w/WLAN
TREK-743R-GWCEA0E
TREK-743R-CEA0E w/WLAN, GPS, GSM/GPRS
TREK-743R-GWXPEA0E
TREK-743R-XPEA0E w/WLAN, GPS, GSM/GPRS
TREK-743R-A0E
TREK-743R BARE-BOM
TREK-743R-GA0E
TREK-743R W/GPS,GPRS BARE BOM
Accessories
Part Number
Description
RAM-MOUNT-01
VESA RAM mount w/clamp base,1.5" ball
RAM-MOUNT-02
VESA RAM mount w/2.5" DIA. base,1.5" ball
RAM-MOUNT-03
VESA RAM mount w/3.68" DIA., 2.25" ball
RAM-MOUNT-05E
VESA RAM mount w/clamp base, 2.25" ball
254.70
50,00


Similar Part No. - TREK-743R-WCEA0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-743R-WCEA1E ADVANTECH-TREK-743R-WCEA1E Datasheet
1Mb / 2P
   7" All-in-one Mobile Data Terminal
More results

Similar Description - TREK-743R-WCEA0E

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
AEC-6410 AAEON-AEC-6410 Datasheet
280Kb / 2P
   Compact Embedded Controller With AMD Geode LX800 Processor
logo
Axiomtek Co., Ltd.
AX12260 AXIOMTEK-AX12260 Datasheet
203Kb / 1P
   Low power fanless AMD LX800 processor
SBC84621 AXIOMTEK-SBC84621_16 Datasheet
273Kb / 1P
   Low power fanless AMD LX800 processor
SBC84622 AXIOMTEK-SBC84622_16 Datasheet
273Kb / 1P
   Low power fanless AMD LX800 processor
SBC84620 AXIOMTEK-SBC84620_16 Datasheet
322Kb / 1P
   Low power fanless AMD LX800 processor
logo
Advantech Co., Ltd.
TREK-776 ADVANTECH-TREK-776 Datasheet
448Kb / 2P
   12.1 Vehicle Mounted Computer with Pentium짰 LV M/ ULV Celeron짰 M Processor
TREK-775 ADVANTECH-TREK-775 Datasheet
441Kb / 2P
   10.4 Vehicle Mounted Computer with Pentium짰 LV M/ ULV Celeron짰 M Processor
logo
Axiomtek Co., Ltd.
NA-100 AXIOMTEK-NA-100 Datasheet
209Kb / 1P
   Ultra low power AMD Geode LX800 processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com