Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBIQ-230-CE0E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UBIQ-230-CE0E
Description  One-Touch Scenario Control Panel with 3.5" Color LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UBIQ-230-CE0E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UBIQ-230-CE0E Datasheet HTML 1Page - Advantech Co., Ltd. UBIQ-230-CE0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
UbiQ - Ubiquitous Computing
All product specifications are subject to change without notice
Last updated : 7-Feb-2007
UbiQ-230
 Seven programmable scenario keys
 3.5" color TFT LCD
 Built-in IR receiver
 Remote Manager tool for SI development
 Replaceable faceplate
 Dimmer package supported
 Ehternet & RS485 interface
 Modbus & UPNP supported
One-Touch Scenario Control Panel
with 3.5" Color LCD
Introduction
The UbiQ-230, a 3.5" scenario control panel with seven programmable hot keys for one-touch operation, is a new member of the Advantech control panel family that targets the Home/
Building-Residential/Commercial Automation fields. It seamlessly integrates seven front-bezel keys for intuitive selection of home scenarios; one PROG key for system programming;
and four DI/O, an RS-232, RS-422 & RS-485 ports for versatile protocol connections. Likewise, UbiQ-230 keeps the legacy of a control panel offering a simple interface with flexible
and expandible control protocols such as RS-485, LonWorks®, DALI, and Modbus to provide versatile control capacities. The UbiQ-230 offers scheduled energy management of
home lighting, HVAC, blind, dimmer and power devices to deliver the perfect way of creating a home comfort zone. Besides the UbiQ-230, dimmers and relays will be included in the
Scenario control package, so system integrators can easily build Smart Home applications.
Product Highlights
The UbiQ-230’s smart and friendly scenario keys and vivid color panel puts personal comfort zones within easy reach:
1. Seven programmable scenario keys for unlimited scenario setting
2. Home scenario modes make customized lighting, HVAC, blind, audio and video device preferences available with one touch.
3. Scenario manager tool for system integrators to further customize home scenario configuration thru PC.
Specifications
Motherboard
Kernel
32-bit ARM9 Low Voltage 200 MHz
SDRAM: 64 MB
Flash: 128 MB
Audio
2 W speaker
Line-out
Control Protocol Options
Default
RS-485
SSP is reserved for other protocols
Display
DataImage 3.5" TFT LCD with 240 x 320 resolution
LCD Power Control
3.3 V VDD, 5 V VBK Control & Bus
I/O Ports
Ethernet
10/100Base-T
Serial ports
1 x RS-485, 1 x SSP
Consumer IR receiver for remote control, up to 10 meter
Fully compatible with UbiQ-310
7 programmable function keys as scenario buttons
Power Supply
DC-in
10 ~ 28 V wide range DC input
Software
OS
Win® CE 5.0 (Core Version)
Utility
Advantech Scenario manager for configuration by SIs
Mechanical Specifications
Wall box for Installer
Plastics Enclosure
Dimension
9.1 x 12.1 x 1.0 cm (W x H x D)
Weight
260 g
Reserved
1 x RS-485 Phoenix type connectors
Environment Specifications
Operating Temperature 0 ~ 50° C
Relative humidity
10 ~ 95% @ 40° C (non-condensing)
Safety
UL, CUL, CE
EMS
CE Class B
EMI
FCC, CE Class B
NEW
NEW


Similar Part No. - UBIQ-230-CE0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBIQ-230T ADVANTECH-UBIQ-230T Datasheet
231Kb / 2P
   One-Touch Scenario Control Panel with 3.5 Color LCD
UBIQ-230T-CE0E ADVANTECH-UBIQ-230T-CE0E Datasheet
231Kb / 2P
   One-Touch Scenario Control Panel with 3.5 Color LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com