Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC-1261H-SMKE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TPC-1261H-SMKE
Description  12.1 SVGA TFT LCD XScale PXA270 Touch Panel Computer with CAN-bus
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1261H-SMKE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TPC-1261H-SMKE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1261H-SMKE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
TPC-120H
Ordering Information
TPC-120H-E2AE
12" VGA Touch Panel PC, PXA270 416 MHz, CAN-bus
TPC-1261H-SMKE
TPC-1261H/120H Desktop Stand
TPC-1261H-WMKE
TPC-1261H/120H Wallmount Kit
TPC-120H-ECME
CAN-bus 2.0 module
PWR-247-AE
24 V 50 W AC-DC Power Adapter
Panel Cut-out Dimensions: 302.5 x 228.5 mm
Rear View
b
j
a
c d
e
f
g
h
i
a. Power Switch
b. Power Receptor
c. Fuse (3.15A)
d. CAN Port
e. COM Port (RS-232)
f. COM (RS-232/485)
g. CompactFlash
h. LAN (10/100)
i. USB 1.1
j. CAN Module Cover
311
52
301.5
2.5
247
Dimensions
Unit: mm


Similar Part No. - TPC-1261H-SMKE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-1261H-SMKE ADVANTECH-TPC-1261H-SMKE Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
More results

Similar Description - TPC-1261H-SMKE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-30T ADVANTECH-TPC-30T Datasheet
639Kb / 2P
   3.5 QVGA TFT LCD XScale PXA270 Touch Panel Computer
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-68T ADVANTECH-TPC-68T Datasheet
267Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-66SN ADVANTECH-TPC-66SN Datasheet
664Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-1270H ADVANTECH-TPC-1270H Datasheet
764Kb / 2P
   12.1 SVGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
logo
Axiomtek Co., Ltd.
GOT5120T-845 AXIOMTEK-GOT5120T-845_17 Datasheet
449Kb / 2P
   12.1 XGA/SVGA TFT Fanless Touch Panel Computer with Intel Celeron
logo
Advantech Co., Ltd.
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
logo
LG Semicon Co.,Ltd.
LB121S03 LG-LB121S03 Datasheet
396Kb / 23P
   12.1??SVGA TFT LCD
logo
AAEON Technology
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
   12.1??TFT SVGA LCD
logo
Axiomtek Co., Ltd.
GOT5840T-834 AXIOMTEK-GOT5840T-834_17 Datasheet
524Kb / 2P
   8.4 SVGA TFT Fanless Touch Panel Computer with Intel Celeron
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com