Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVS-610E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PVS-610E
Description  Advanced Industrial 4U
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PVS-610E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PVS-610E Datasheet HTML 1Page - Advantech Co., Ltd. PVS-610E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
PVS-610E Series AdvancedIndustrial4U
Rackmount DVR System
NEW
8/16/24 -channel video input*
MPEG-4 H.264 (MPEG4-Part10) Hardware compression
Resolution: CIF / half D1 / 4CIF
Up to 4CIF resolution in display and recording mode with half the number
of channels (hardware compression)
Embedded system design for the highest stability
Multiple backup options: external USB HD / CD±RW / DVD±RW DL
Multiple remote surveillance and control functions
Watchdog function
Introduction
PVS-610 series is the advanced industrial-grade digital video surveillance system designed to meet the requirements of modern security markets. PVS-610 series uses MPEG-4
H.264 hardware compression technology, and provides configurable display/recording frame rates (up to 30 fps) and configurable resolutions (from CIF to 4CIF) to meet various
user requirements. The system supports up to 3 hard disk drives and external storage devices can be added for extra video data storage capacity. Embedded system design is used to
prevent virus attack and provide the highest stability. Easy installation, simple operation, high scalability, advanced functions and strong remote management support make PVS-610
series the right choice for any security-critical environment.
Specifications
Resolution
CIF/half D1/4CIF
CPU
Intel Pentium 4, 3.0 GHz LGA 775
RAM
1GB DDR2 533
HDD
Optional (supports up to 3 SATA HDDs)
Chipset
Intel 945G
PCI Slots
5
Backup Device
DVD±RW DL
Operating System
Windows XP embedded OS License (DOM)
Storage Space
1 x 3.5" and 3 x 5.25" IDE drive bay
Power Supply
400 W power supply
Form Factor
4U
Dimensions (W x H x D)
482 x 177 x 478 mm (19" x 7" x 18.9")
Temperature Range
0 ~ 45° C (32 ~ 113° F)
* Channel number reduced to half when recording with 4CIF resolution
IO Module Options
Part Number
Description
Adam 4520
Isolated RS232 to 422/485 Converter
Adam 4055
8 -channel Isolated Digital Input and Output Module
Ordering Information
Part Number
Video Capture Cards
Application Software
Version
PVS-610E
PC-based DVR system
Option (Capture Card)
PVS-610-SE16-A1E
PV-1000 x 1
Powerview6000
PVS-610-HB8-A1E
PV-2100 x 1
Powerview6000
PVS-610-HB16-A1E
PV-2100 x 2
Powerview6000
PVS-610-HB24-A1E
PV-2100 x 3
Powerview6000
Note: All above mentioned software versions support software compression


Similar Part No. - PVS-610E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PVS-640 ADVANTECH-PVS-640 Datasheet
443Kb / 2P
   Advanced Industrial 4U Rackmount DVR System
PVS-640-SB16-A1E ADVANTECH-PVS-640-SB16-A1E Datasheet
109Kb / 2P
   Advanced Industrial DVR System
PVS-640-SC16-A1E ADVANTECH-PVS-640-SC16-A1E Datasheet
109Kb / 2P
   Advanced Industrial DVR System
PVS-640-SD16-A1E ADVANTECH-PVS-640-SD16-A1E Datasheet
109Kb / 2P
   Advanced Industrial DVR System
PVS-640-SE16-A1E ADVANTECH-PVS-640-SE16-A1E Datasheet
109Kb / 2P
   Advanced Industrial DVR System
More results

Similar Description - PVS-610E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PVS-640 ADVANTECH-PVS-640 Datasheet
443Kb / 2P
   Advanced Industrial 4U Rackmount DVR System
ACP-4000VS ADVANTECH-ACP-4000VS_15 Datasheet
657Kb / 3P
   Industrial 4U Hybrid Intelligent Video System
logo
Adlink Technology Inc.
RK-630 ADLINK-RK-630 Datasheet
420Kb / 2P
   4U rackmount industrial chassis supporting ATX motherboard
logo
AAEON Technology
ARC-645M AAEON-ARC-645M Datasheet
354Kb / 2P
   4U Rackmount Chassis, Industrial Main Board Support
ARC-640M AAEON-ARC-640M Datasheet
334Kb / 2P
   4U Rackmount Chassis, Industrial Main Board Support
logo
Advantech Co., Ltd.
PVS-640E ADVANTECH-PVS-640E Datasheet
109Kb / 2P
   Advanced Industrial DVR System
ASR-1400-24A1E ADVANTECH-ASR-1400-24A1E Datasheet
1Mb / 2P
   4U 24-bay Reliable Disk Expansion Enclosure to Fit Industrial Applications
ASR-1400 ADVANTECH-ASR-1400 Datasheet
1Mb / 2P
   4U 24-bay Reliable Disk Expansion Enclosure to Fit Industrial Applications
logo
List of Unclassifed Man...
FT48A-B7070 ETC2-FT48A-B7070 Datasheet
1Mb / 2P
   4U 3GPGPU PLATFORM
logo
Axiomtek Co., Ltd.
IPC140-501 AXIOMTEK-IPC140-501 Datasheet
236Kb / 1P
   4U Industrial System with LGA1151 Socket 7th/6th Gen Intel짰 Core??Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com