Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POC-S195 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # POC-S195
Description  19 Slim Point-of-Care Terminal with IP54 Standard Compliance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-S195 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  POC-S195 Datasheet HTML 1Page - Advantech Co., Ltd. POC-S195 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
45
Unit: mm
Mounting
Dimensions
Unit: mm
POC-S195
VESA: 75 x 75 mm ; 100 x 100 mm
1. 4-pin mini-DIN DC connector
2. PS/2 Mouse/Keyboard Port
3. USB 2.0 Ports x 2
4. 10/100 Mbps Ethernet interface (RJ-45)
5. Isolated RS-232/422/485 COM port
(COM1)
6. RS-232 COM port (COM2)
7. D-sub VGA port
Ordering Information
Part Number
CPU
Touch Panel
HDD 24 x 7
RAM
POC-S195-P1-CE
1.4 G
-
80 G IDE
1 GB
POC-S195-P1-CTE
1.4 G
Res.TS
80 G IDE
1 GB
Packing List
Description
Quantity
Startup manual
1
PS/2 keyboard & mouse splitter cable
1
M4 x 20 screw set for VESA mounting
4
AC 100W SPS MPU100-108 W/PFC 100-240
1
CD-ROM for POC-S Driver & Utility HDD Frame
1
Advantech 2-year warranty card
1
Accessories
Part Number
Description
1702002600
Power Cable (USA) 1.83M
1702002605
Power Cable (Europe) 1.8M
*
802.11a/b/g wireless LAN mini-PCI module & external antenna
* This accessory goes with the T Part Number. Please contact Advantech sales for more
details.
1 2 3
4
5
6
7
472
111
75
100
Power Button
Book Light
Touchscreen
on/off button
Audio Control Button
Brightness
Control Button
I/O Drawing
Function keys


Similar Part No. - POC-S195

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-S196 ADVANTECH-POC-S196 Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S196-120-AE ADVANTECH-POC-S196-120-AE Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S196-120-ATE ADVANTECH-POC-S196-120-ATE Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S196-166-AE ADVANTECH-POC-S196-166-AE Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S196-166-ATE ADVANTECH-POC-S196-166-ATE Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
More results

Similar Description - POC-S195

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-S198-25F-ATE ADVANTECH-POC-S198-25F-ATE Datasheet
862Kb / 2P
   19" Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
POC-S198-WF0E ADVANTECH-POC-S198-WF0E Datasheet
716Kb / 2P
   19 Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
POC-S198 ADVANTECH-POC-S198 Datasheet
716Kb / 2P
   19' Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
POC-S199 ADVANTECH-POC-S199 Datasheet
594Kb / 2P
   19" Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
5-Jul-2019
POC-S197-12F-ATE ADVANTECH-POC-S197-12F-ATE Datasheet
935Kb / 2P
   19" Slim Point-of-Care Terminal with True Flat Panel
POC-S196 ADVANTECH-POC-S196 Datasheet
472Kb / 2P
   19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S177-120-ATE ADVANTECH-POC-S177-120-ATE Datasheet
513Kb / 2P
   Slim Point of Care Terminal with GS45 platform
POC-S157-120-ATE ADVANTECH-POC-S157-120-ATE Datasheet
694Kb / 2P
   Slim Point-of-Care Terminal with 15" TFT LCD
POC-W211IP54 ADVANTECH-POC-W211IP54 Datasheet
1Mb / 2P
   21.5 Widescreen Fanless Point-of-Care Terminal with IP54 Enclosure
20Aug-2014
POC-S175 ADVANTECH-POC-S175 Datasheet
449Kb / 2P
   Slim Point-of-Care Terminal with 17 TFT LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com