Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POC-S175-P1-CTE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # POC-S175-P1-CTE
Description  Slim Point-of-Care Terminal with 17 TFT LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-S175-P1-CTE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  POC-S175-P1-CTE Datasheet HTML 1Page - Advantech Co., Ltd. POC-S175-P1-CTE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
49
Unit: mm
Mounting
Dimensions
Unit: mm
POC-S175
Ordering Information
Part Number
Touch Panel
CPU
HDD 24 x 7
RAM
POC-S175-P1-CTE
Res.TS
1.4GHz
80 G IDE
1 G
POC-S175-P1-CE
-
1.4GHz
80 G IDE
1 G
POC-S175-P2-CTE
Res.TS
1.0GHz
80 G IDE
1 G
Packing List
Description
Quantity
PS/2 keyboard & mouse splitter cable
1
M4 x 20 screw set for VESA mounting
4
AC 80W XPiQ PCM80PS24 W/PFC 100-240V
1
CD-ROM for POC-S155 Driver & Utility V1.0
1
Startup manual
1
Advantech 2-year warranty card
1
Accessories
Part Number
Description
*
Li-ion battery pack
1702002600
Power Cable (USA) 1.83M
1702002605
Power Cable (Europe) 1.8M
*
802.11b/g wireless LAN mini-PCI module & external antenna
* This accessory goes with the T Part Number. Please contact Advantech sales for more
details.
VESA: 75 x 75 mm ; 100 x 100 mm
100
75
1. 4-pin mini-DIN DC connector
2. PS/2 Mouse/Keyboard Port
3. USB 2.0 Ports x 2
4. 10/100 Mbps Ethernet interface (RJ-45)
5. Isolated RS-232/422/485 COM port
(COM1)
6. RS-232 COM port (COM2)
7. D-sub VGA port
1 2 3 4
5
6
84
437
I/O Drawing


Similar Part No. - POC-S175-P1-CTE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-S176 ADVANTECH-POC-S176 Datasheet
456Kb / 2P
   17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
POC-S176-150-AE ADVANTECH-POC-S176-150-AE Datasheet
456Kb / 2P
   17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
POC-S176-150-ATE ADVANTECH-POC-S176-150-ATE Datasheet
456Kb / 2P
   17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
POC-S176-166-AE ADVANTECH-POC-S176-166-AE Datasheet
456Kb / 2P
   17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
POC-S176-166-ATE ADVANTECH-POC-S176-166-ATE Datasheet
456Kb / 2P
   17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
More results

Similar Description - POC-S175-P1-CTE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-S157-120-ATE ADVANTECH-POC-S157-120-ATE Datasheet
694Kb / 2P
   Slim Point-of-Care Terminal with 15" TFT LCD
POC-S155 ADVANTECH-POC-S155 Datasheet
420Kb / 2P
   Slim Point-of-Care Terminal with 15" TFT LCD
POC-S157 ADVANTECH-POC-S157 Datasheet
694Kb / 2P
   Slim Point-of-Care Terminal with 15 TFT LCD
22-Jul-2013
POC-S177-120-ATE ADVANTECH-POC-S177-120-ATE Datasheet
513Kb / 2P
   Slim Point of Care Terminal with GS45 platform
POC-S195 ADVANTECH-POC-S195 Datasheet
718Kb / 2P
   19 Slim Point-of-Care Terminal with IP54 Standard Compliance
POC-S176 ADVANTECH-POC-S176 Datasheet
456Kb / 2P
   17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
POC-S197-12F-ATE ADVANTECH-POC-S197-12F-ATE Datasheet
935Kb / 2P
   19" Slim Point-of-Care Terminal with True Flat Panel
POC-W212-A11D-ACE ADVANTECH-POC-W212-A11D-ACE Datasheet
538Kb / 2P
   21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W212IP54 ADVANTECH-POC-W212IP54 Datasheet
649Kb / 2P
   21.5' Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W211-A01D-ATE ADVANTECH-POC-W211-A01D-ATE Datasheet
634Kb / 2P
   21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com