Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2160EBG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2160EBG
Description  ISDB-T Single-Segment Low-IF Tuners
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2160EBG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2160EBG Datasheet HTML 7Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 8Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 9Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 10Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 11Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 12Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 13Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 14Page - Maxim Integrated Products MAX2160EBG Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ISDB-T Single-Segment Low-IF Tuners
______________________________________________________________________________________
11
Detailed Description
All registers must be written after power-up and no ear-
lier than 100µs after power-up.
Register Descriptions
The MAX2160/EBG include eight programmable regis-
ters and two read-only registers. The eight programma-
ble registers include a test register, a PLL register, a
VCO register, a control register, a XTAL divide register,
an R-divider register, and two N-divider registers. The
read-only registers include two status registers.
Table 1. Register Configuration
MSB
LSB
DATA BYTE
REGISTER
NUMBER
REGISTER
NAME
READ/
WRITE
REGISTER
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
1
TEST
WRITE
0x00
TUN2
TUN1
TUN0
FLTS
MXSD
D2
D1
D0
2
PLL
WRITE
0x01
CP1
CP0
CPS
EPB
RPD
NPD
TON
VAS
3
VCO
WRITE
0x02
VCO1
VCO0
VSB2
VSB1
VSB0
ADL
ADE
LTC
4
CONTROL
WRITE
0x03
MOD
BBL1
BBL0
HSLS
PD2
PD1
PD0
EPD
5
XTAL DIVIDE
WRITE
0x04
XD4
XD3
XD2
XD1
XD0
PWDN
STBY
QOFF
6
R-DIVIDER
WRITE
0x05
R7
R6
R5
R4
R3
R2
R1
R0
7
N-DIVIDER MSB
WRITE
0x06
N12
N11
N10
N9
N8
N7
N6
N5
8
N-DIVIDER LSB
WRITE
0x07
N4
N3
N2
N1
N0
X
X
X
9
STATUS BYTE-1
READ
X
X
X
CP1
CP0
PWR
VASA
VASE
10
STATUS BYTE-2
READ
VCO1
VCO0
VSB2
VSB1
VSB0
ADC2
ADC1
ADC0
Table 2. Test Register
BIT NAME
BIT LOCATION
(0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
TUN[2:0]
7, 6, 5
000
Set the baseband bandpass filter center frequency. This filter’s center frequency
is trimmed at the factory, but may be manually adjusted by clearing the FLTS bit
and programming the TUN[2:0] bits as follows:
000 = 0.75 x fO
001 = 0.80 x fO
010 = 0.86 x fO
011 = 0.92 x fO
100 = fO (nominal center frequency of 571kHz)
101 = 1.08 x fO
110 = 1.19 x fO
111 = 1.32 x fO
FLTS
4
1
Selects which registers set the baseband bandpass filter center frequency.
1 = selects internal factory-set register
0 = selects manual trim register TUN[2:0]


Similar Part No. - MAX2160EBG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160EBG MAXIM-MAX2160EBG Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
MAX2160EBG++ MAXIM-MAX2160EBG+ Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
More results

Similar Description - MAX2160EBG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
MAX2163 MAXIM-MAX2163 Datasheet
536Kb / 23P
   ISDB-T 1-Segment Tuner
Rev 2; 10/09
MAX3570 MAXIM-MAX3570 Datasheet
436Kb / 17P
   HI-IF Single-Chip Broadband Tuners
Rev 0; 2/05
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
   ISDB-T and DVB-T/C Demodulator
November 28, 2021
logo
NXP Semiconductors
TEF6621 NXP-TEF6621 Datasheet
166Kb / 2P
   NXP low-IF analog car radio tuners TEF662x
December 2010
logo
Analog Devices
ADMTV201 AD-ADMTV201 Datasheet
71Kb / 2P
   Low Power Mobile TV Tuner IC for ISDB-T
Rev. Sp0
logo
Silicon Laboratories
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
   ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI21802-B60 SKYWORKS-SI21802-B60 Datasheet
146Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
August 22, 2021
logo
EPCOS
B8740 EPCOS-B8740 Datasheet
115Kb / 9P
   SAW band-stop filter ISDB-T
logo
Silicon Laboratories
SI21802-B60 SILABS-SI21802-B60 Datasheet
161Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com