Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM2318CXRFG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2318CXRFG
Description  40V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2318CXRFG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM2318CXRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2318CXRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2318CXRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2318CXRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2318CXRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2318CXRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSM2318
40V N-Channel MOSFET
4/6
Version: A10
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
On-Resistance vs. Gate-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient


Similar Part No. - TSM2318CXRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2310 TSC-TSM2310 Datasheet
245Kb / 6P
   20V N-Channel MOSFET
TSM2310CXRF TSC-TSM2310CXRF Datasheet
245Kb / 6P
   20V N-Channel MOSFET
TSM2311 TSC-TSM2311 Datasheet
156Kb / 3P
   20V P-Channel Enhancement Mode MOSFET
TSM2311 TSC-TSM2311 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
TSM2311CX TSC-TSM2311CX Datasheet
156Kb / 3P
   20V P-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM2318CXRFG

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com