Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPS-4102WG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # XPS-4102WG
Description  8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4102WG Datasheet(HTML) 5 Page - Optoway Technology Inc

  XPS-4102WG Datasheet HTML 1Page - Optoway Technology Inc XPS-4102WG Datasheet HTML 2Page - Optoway Technology Inc XPS-4102WG Datasheet HTML 3Page - Optoway Technology Inc XPS-4102WG Datasheet HTML 4Page - Optoway Technology Inc XPS-4102WG Datasheet HTML 5Page - Optoway Technology Inc XPS-4102WG Datasheet HTML 6Page - Optoway Technology Inc XPS-4102WG Datasheet HTML 7Page - Optoway Technology Inc XPS-4102WG Datasheet HTML 8Page - Optoway Technology Inc XPS-4102WG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Optoway
XPS-4102WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2008/5/1
V1.0
5
CONNECTION DIAGRAM
Table 3 PIN Description
PIN
Logic
Signal Name
Description
Note
1
GND
Module Ground
1
2
VEE5
-5.2V Power Supply
(Not required)
3
3
LVTTL-I
Mod_Desel
Module De-select; When held low allows module to respond to 2-wire serial interface
4
LVTTL-O
Interrupt
Interrupt; Indicates presence of an important condition which can be read over the
2wire serial interface
2
5
LVTTL-I
TX_DIS
Transmitter Disable; Turns off transmitter laser output
6
VCC5
+5V Power Supply (Not required)
3
7
GND
Module Ground
1
8
VCC3
+3.3V Power Supply
9
VCC3
+3.3V Power Supply
10 LVTTL-I/O
SCL
Serial 2-wire interface clock
2
11 LVTTL-I/O
SDA
Serial 2-wire interface data line
2
12 LVTTL-O
Mod_Abs
Indicates Module is not present. Grounded in the Module
2
13 LVTTL-O
Mod_NR
Module Not Ready; Indicating Module Operational Fault
2
14 LVTTL-O
RX_LOS
Receiver Loss Of Signal Indicator
2
15
GND
Module Ground
1
16
GND
Module Ground
1
17 CML-O
RD-
Receiver Inverted Data Output
18 CML-O
RD+
Receiver Non-Inverted Data Output
19
GND
Module Ground
1
20
VCC2
+1.8V Power Supply (Not required)
3


Similar Part No. - XPS-4102WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4110AWG OPTOWAY-XPS-4110AWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110BWG OPTOWAY-XPS-4110BWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110WG OPTOWAY-XPS-4110WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4120AWG OPTOWAY-XPS-4120AWG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4120BWG OPTOWAY-XPS-4120BWG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
More results

Similar Description - XPS-4102WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4140WG OPTOWAY-XPS-4140WG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4120WG OPTOWAY-XPS-4120WG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110WG OPTOWAY-XPS-4110WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPM-4100WG OPTOWAY-XPM-4100WG Datasheet
239Kb / 9P
   8.5Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 8G FC Applications
XPS-43100WG OPTOWAY-XPS-43100WG Datasheet
235Kb / 9P
   8.5Gb/s 1550 nm / 100 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4310W-CXX0G OPTOWAY-XPS-4310W-CXX0G Datasheet
233Kb / 9P
   3.3V / CWDM / 8.5Gbps XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4340W-CXX0G OPTOWAY-XPS-4340W-CXX0G Datasheet
233Kb / 9P
   3.3V / CWDM / 8.5Gbps XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-CXX0G OPTOWAY-XPS-4341W-CXX0G Datasheet
234Kb / 9P
   8.5 Gbps/ 40 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com