Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS34118 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118
Description  Voice Switched Speakerphone Circuit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TS34118
Voice Switched Speakerphone Circuit
7/23
Version: A08
Introduction
The fundamental difference between the operation of a speakerphone and a handset is that of half-duplex versus full
duplex. The handset is full duplex since con-version can occur in both directions (transmit and receive) simultaneously.
A speakerphone has higher gain levels in both paths and attempting to converse full duplex results in oscillatory
problems due to the loop that exists within the system. The loop is formed by the receive and transmit paths, the hybrid,
and the acoustic coupling (speaker to microphone). The only practical and economical solution used to data is to
design the speakerphone to function in a half duplex mode – i.e. only one person speaks at a time, while the other
listens. To achieve this required a circuit which can detect who is talking, switch on the appropriate path (transmit or
receive) and switch off (attenuate) the other path. In this way, the loop gain is maintained less than unity. When the
talkers exchange function, the circuit must quickly detect this, and switch the circuit appropriately. By providing speech
level detectors the circuit operates in a “hands free” mode, eliminating the need for a “push to talk” switch.
The handset by the way, has the same loop as the speakerphone. But since the gains are considerably lower, and
since the acoustic compiling from the earpiece to the mouthpiece is almost non existent (the receiver is normally held
against a person’s eat.) oscillations don’t occur.
The TS341118 provides the necessary level detectors, attenuators, and switching control for a properly operating
speakerphone. The detection sensitivity and timing are externally controllable. Additionally, the TS34118 provides
background nodule monitor’s which make the circuit insensitive to room and line noise, hybrid amplifier, and other
associated functions, please refer to the Block Diagram (Figure 2) when reading the following sections.
Attenuators
The transmit and receive attenuators are complementary in function. i .e. when one is at maximum gain (+6.0dB), the
other is at maximum attenuation (-4.5dB), and vice verse. They sum of their gains remains constant (within a nominal
error hand of ±0.1dB) at a typical value of ~40dB (see Figure 10). Their purpose is to control the transmit and receive
paths to provide the half-duplex operation required in a speakerphone.
The attenuators are non-inverting, and have a –3.0dB (from max gain) frequency of 100KHz. The input impedance of
each attenuator (TXI and RXI) is nominally 10Kς (see Figure 3), and the input signal should be limited to 350mVrms
(990mVp-p) to prevent distortion. That maximum recommended input signal is independent of the volume control
setting. The diode clamp on the inputs the input swing, and therefore the maximum negative output swing. This is the
reason for VRXOL and VTXOL specification being defined as they are in the Electrical Characteristics. The output
impedance is 10ς until the output current limit typically 2.5mA) is reached.
Figure 3. Attenuator Input Stage


Similar Part No. - TS34118

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118 Datasheet
328Kb / 20P
   Voice Switched Speakerphone Circuit
TS34118CD TSC-TS34118CD Datasheet
328Kb / 20P
   Voice Switched Speakerphone Circuit
TS34118CS TSC-TS34118CS Datasheet
328Kb / 20P
   Voice Switched Speakerphone Circuit
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
TS34118CS28C8 TSC-TS34118CS28C8 Datasheet
378Kb / 21P
   Voice Switched Speakerphone Circuit Chip disable for active/standby operation
More results

Similar Description - TS34118

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
   Voice Switched Speakerphone Circuit
logo
Motorola, Inc
MC33218 MOTOROLA-MC33218 Datasheet
41Kb / 1P
   Voice Switched Speakerphone circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com