Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS19372CX5RF Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19372CX5RF
Description  Buck (Step-down) WLED Driver with External Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19372CX5RF Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19372CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS19372
Buck (Step-down) WLED Driver with External Switch
5/6
Version: A09
SOT-25 Mechanical Drawing
Marking Diagram
72 = Device Code
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L = Lot Code
SOT-25 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A+A1
0.09
1.25
0.0354
0.0492
B
0.30
0.50
0.0118
0.0197
C
0.09
0.25
0.0035
0.0098
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
e
1.90 BSC
0.0748 BSC
H
2.40
3.00
0.09449
0.1181
L
0.35 BSC
0.0138 BSC
Ө1
10º
10º
S1
0.95 BSC
0.0374 BSC


Similar Part No. - TS19372CX5RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19372CX5RF TSC-TS19372CX5RF Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
More results

Similar Description - TS19372CX5RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
   8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
   8 Strings, Step Up WLED Controller with External Transistor
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com