Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT1F Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # OPT1F
Description  4-port RS-232 Universal PCI Communication Card, w/4 RJ45 Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

OPT1F Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  OPT1F Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
www.advantech.com/products
Online Download
All product specifications are subject to change without notice
Last updated : 20-Jan-2006
Specifications
General
Bus Type
Universal PCI V 2.2
Certifications
CE, FCC class A
Connectors
4 x RJ45
Dimensions (L x W)
123 x 92 mm (4.8" x 3.6")
Power Consumption
Typical
Max
+12 V: 60 mA
+12 V: 80 mA
+5 V: 150 mA
+5 V: 180 mA
Communications
Communication
16PCI954
Controller
Data Bits
5, 6, 7, 8
Data Signals
TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND
FIFO
128 bytes
Flow Control
RTS/CTS, Xon/Xoff
IRQ
Assigned by Plug & Play
Parity
None, even, odd
Stop Bits
1, 1.5, 2
Speed
50 bps ~ 921.6 kbps
Protection
ESD Protection
16 kV
Software
Bundled Software
ICOM Tools
Driver Support
Windows 98/ME/2000/XP/XP Embedded, Linux
PCI-1610AJU 4-portRS-232UniversalPCICommunication
Card, w/4 RJ45 Connectors
Introduction
PCI-1610AJU is a 4-port RS-232 universal PCI communication card and provides 4 RJ-45 connectors for easy installation and cabling for some unique applications like ATMs or
POS systems.
PCI-1610AJU offers transmission speeds up to 921.6 kbps and also comes with a high-performance 16PCI954 UART with a 128-byte FIFO to reduce CPU load. These components
make your system more stable and reliable. PCI-1610AJU’s universal PCI connector is compatible with both newer 3.3 V PCI BUS and traditional 5 V PCI BUS signals. This gives
high compatibility and allows usage in diverse systems.
Advantech also provides a convenient utility program, ICOM Tools, to help test the PCI card performance by analyzing the port status. With menu commands and toolbar buttons,
ICOM Tools acts as a PC-based data scope that lets you set a trigger condition and captures the communications data and monitors the signal status. ICOM Tools is applicable to
all series of Advantech ICOM cards. Although the card is designed for RJ-45 connector requirements, the card also comes with four RJ-45 to DB9 cables and LEDs on the RJ-45
connectors and you can test the PCI card’s performance by analyzing the status of the ports, and easily configure the settings of the card.
 PCI bus specification 2.2
 Speeds up to 921.6 kbps
 4-port RS-232
 16PCI954 UARTs with 128-byte FIFOs standard
 I/O address automatically assigned by PCI Plug & Play
 OS supported: Windows® 98/ME/2000/XP/XP Embedded, Linux®
 Interrupt status register for increased performance
 Powerful and easy to use Utility (ICOM Tools)
 Provides four RJ45 connectors
 Universal PCI (Supports 3.3 V or 5 V PCI bus signal)
Environment
Humidity (Operating)
5 ~ 95% RH, non-condensing (refer to IEC 68-2-3)
Operating Temperature 0~ 65° C (refer to IEC 68-2-1, 2), (32 ~ 149° F)
Storage Temperature
-25 ~ 85° C (-13 ~ 185° F)
Ordering Information
PCI-1610AJU
4-port RS-232 PCI COMM card w/ 4 RJ45 connectors
(4*30cm RJ45 tp DB9 cable included)
OPT1E
1 m RJ45 to DB9 cable (only for PCI-1610AJU)
OPT1F
30 cm RJ45 to DB9 cable (only for PCI-1610AJU)
NEW


Similar Part No. - OPT1F

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
OPT1-DB9 ADVANTECH-OPT1-DB9 Datasheet
430Kb / 2P
   1-Port RS-232/422/485 to 802.11a/b/g/n WLAN Serial Device Server
28-Oct-2020
OPT1-DB9 ADVANTECH-OPT1-DB9 Datasheet
572Kb / 2P
   1-port Modbus Gateway/Router
17-Mar-2020
OPT1-DB9E-AE ADVANTECH-OPT1-DB9E-AE Datasheet
545Kb / 2P
   3U CompactPCI® Serial Dual Mini PCIe Carrier Board
13-Dec-2021
OPT1-DB9E-AE ADVANTECH-OPT1-DB9E-AE Datasheet
318Kb / 1P
   2-Port CAN Bus PCIE Card with Isolation Protection
11-Nov-2022
OPT1-M12-CRP-4FA ADVANTECH-OPT1-M12-CRP-4FA Datasheet
519Kb / 2P
   EN 50155 8-Port M12 PoE Unmanaged Ethernet Switch 72/96/110 VDC
25-Nov-2021
More results

Similar Description - OPT1F

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1610A ADVANTECH-PCI-1610A_14 Datasheet
253Kb / 1P
   4-port RS-232 Universal PCI Communication Card
PCI-1610A ADVANTECH-PCI-1610A Datasheet
541Kb / 1P
   4-port RS-232 PCI Communication Cards
PCI-1620A ADVANTECH-PCI-1620A_14 Datasheet
253Kb / 1P
   8-port RS-232 Universal PCI Communication Card
PCI-1625U ADVANTECH-PCI-1625U Datasheet
69Kb / 1P
   8-port Intelligent RS-232 Universal PCI Communication Card
PCI-1612A ADVANTECH-PCI-1612A Datasheet
542Kb / 1P
   4-port RS-232/422/485 PCI Communication Cards
logo
Moxa Inc.
CP-104UL MOXA-CP-104UL Datasheet
1Mb / 4P
   4-port RS-232 smart Universal PCI serial boards
logo
Advantech Co., Ltd.
PCI-1620 ADVANTECH-PCI-1620_V01 Datasheet
527Kb / 1P
   8-port RS-232 PCI Communication Card
31-Mar-2017
PCI-1604L ADVANTECH-PCI-1604L Datasheet
476Kb / 1P
   2-Port RS-232 PCI Communication Card 2-Port RS-232/422/485 Low-Profile Universal PCI Communication Card with Isolation Protection
17-Dec-2020
PCIE-1620 ADVANTECH-PCIE-1620_15 Datasheet
266Kb / 1P
   8-port RS-232 PCI Express Communication Card
PCIE-1620 ADVANTECH-PCIE-1620_V01 Datasheet
481Kb / 1P
   8-Port RS-232 PCI Express Communication Card
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com