Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS13003MV Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS13003MV
Description  High Voltage NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13003MV Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS13003MV Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13003MV Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13003MV Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13003MV Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13003MV Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS13003MV Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS13003MV
High Voltage NPN Transistor
1/6
Version: G07
TO-92
PRODUCT SUMMARY
BVCEO
400V
BVCBO
800V
IC
1.5A
VCE(SAT)
0.8V @ IC / IB = 1A / 0.25A
Features
High Voltage
High Speed Switching
Structure
Silicon Triple Diffused Type
NPN Silicon Transistor
Ordering Information
Note: “G” is denote Halogen Free Product.
Part No.
Package
Packing
TS13003MVCT B0
TO-92
1Kpcs / Bulk
TS13003MVCT A3
TO-92
2Kpcs / Ammo
TS13003MVCT B0G
TO-92
1Kpcs / Bulk
TS13003MVCT A3G
TO-92
2Kpcs / Ammo
Block Diagram
Absolute Maximum Rating (Ta = 25ºC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
800
V
Collector-Emitter Voltage (VBE=0)
VCES
800
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
9
V
DC
1.5
Collector Current
Pulse
IC
3
A
Total Power Dissipation Tc=25ºC
PD
5.8
W
Operating Junction Temperature
TJ
+150
ºC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
ºC
Thermal Resistance Junction to Case
JC
21.5
ºC/W
Pin Definition:
1. Emitter
2. Collector
3. Base


Similar Part No. - TS13003MV

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS13003 TSC-TS13003 Datasheet
62Kb / 3P
   High Voltage NPN Transistor
TS13003 TSC-TS13003 Datasheet
336Kb / 6P
   High Voltage NPN Transistor
TS13003 TSC-TS13003 Datasheet
157Kb / 5P
   High Voltage NPN Transistor
TS13003A TSC-TS13003A Datasheet
45Kb / 3P
   High Voltage NPN Transistor
TS13003ACKB0G TSC-TS13003ACKB0G Datasheet
388Kb / 5P
   High Voltage NPN Transistor
More results

Similar Description - TS13003MV

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com