Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS2508ACSRL Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS2508ACSRL
Description  3A / 330KHz PWM Buck Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2508ACSRL Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2508ACSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2508ACSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2508ACSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2508ACSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2508ACSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2508ACSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2508ACSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2508ACSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS2508A
3A / 330KHz PWM Buck Converter
5/8
Version: A09
Function Descriptions (Continue)
Layout Guidance
If you need low Tc & Tj or large PD (Power Dissipation), The dual SW pins (5&6) and Gnd pins (7&8) on the SOP-8
package are internally connected to die pad, The PCB layout should allow for maximum possible copper area at the
SW pins.
1. Connect C3 to VCC and Gnd pin as closely as possible to get good power filter effect.
2. Connect R3 to VCC and OCSET pin as closely as possible.
3. Connect ground side of the C2 & D1 as closely as possible.
Electrical Characteristics Curve
Figure 1. Feedback Voltage vs. Input Voltage
Figure 2.Quiescent Current vs. Input Voltage
Figure 3. Frequency vs. Input Voltage
Figure 4. Frequency vs. Temperature


Similar Part No. - TS2508ACSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2508ACSRL TSC-TS2508ACSRL Datasheet
203Kb / 8P
   3A / 330KHz PWM Buck Converter
More results

Similar Description - TS2508ACSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
   2A / 330KHz PWM Buck Converter
logo
Unisonic Technologies
SR2803 UTC-SR2803 Datasheet
211Kb / 6P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
SR2803 UTC-SR2803_15 Datasheet
226Kb / 5P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
logo
Analog Microelectronics
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
logo
Taiwan Semiconductor Co...
TS2509 TSC-TS2509_13 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2507 TSC-TS2507 Datasheet
372Kb / 9P
   0.5A / 330KHz PWM Buck Controller
TS2509 TSC-TS2509 Datasheet
497Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
   3A / 380KHz PWM Buck Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com